Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS400CS Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # 1SS400CS
Description  High Speed SMD Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1SS400CS Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  1SS400CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1SS400CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1SS400CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PART NO.
1SS400CS
PART NO.
1SS400CS
1SS400CS
Document Number: DS_S1402006
Version: A14
1SS400CS RTG
RT
G
Green compound
1SS400CS
Green compound
MANUFACTURE
CODE
M0
Taiwan Semiconductor
Small Signal Product
G
PACKAGE
1SS400CS-M0 RTG
RT
G
MANUFACTURE
CODE (Note)
ORDERING INFORMATION
GREEN COMPOUND
CODE
EXAMPLE
PREFERRED P/N
PACKING CODE
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
RT
Note: Manufacture special control, if empty means no special control requirement.
PACKING
8K / 7" Reel
SOD-923F



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com