Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS400CSRTG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # 1SS400CSRTG
Description  High Speed SMD Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1SS400CSRTG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  1SS400CSRTG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1SS400CSRTG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1SS400CSRTG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
- Moisture sensitivity level 1
- Pb free and RoHS compliant
- Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
SOD-923F
- Case: Flat lead SOD-923F small outline plastic package
- Terminal: Matte tin plated, lead free , solderable
per MIL-STD-202, Method 208 guaranteed
- High temperature soldering guaranteed: 260°C/10s
- Polarity: Indicated by cathode band
- Marking Code: 7
VRM
V
VR
V
IFM
mA
IO
mA
ISurge
mA
Tj
°C
Tstg
°C
SYMBOL
MIN
TYP
MAX
UNIT
VF
1.2
V
IR
0.1
µ
A
Cr
3
pF
trr
4
ns
Document Number: DS_S1402006
1SS400CS
FEATURES
- Fast switching device (trr<4.0ns)
- Surface Mount Device Type
Taiwan Semiconductor
Small Signal Product
High Speed SMD Switching Diode
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
Version: A14
500
150
Junction Temperature
VR=6V , IF=10mA , RL=100Ω
Peak Reverse Voltage
225
100
MECHANICAL DATA
90
PARAMETER
DC Reverse Voltage
UNIT
Forward Voltage
IF=100mA
Reverse Current
VR=80V
Storage Temperature
LIMIT
Peak Forward Current
-55 to + 150
80
PARAMETER
TEST CONDITION
Capacitance Between Terminals
VR=0.5V , f=1MHZ
Reverse Recovery Time
SYMBOL
Mean Rectifying Current
Surge Current(t=1s)


Similar Part No. - 1SS400CSRTG

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS400CS ROHM-1SS400CS Datasheet
152Kb / 3P
Switching diode
logo
Jiangsu Changjiang Elec...
1SS400CS JIANGSU-1SS400CS Datasheet
686Kb / 4P
High Speed Switching Diode
logo
Rohm
1SS400CS ROHM-1SS400CS Datasheet
492Kb / 5P
Switching Diode
logo
AiT Semiconductor Inc.
1SS400CS AITSEMI-1SS400CS Datasheet
472Kb / 5P
SWITCHING DIODE FORWARD VOLTAGE 1.2V CURRENT 100mA, RECOVERY 4ns
REV1.0
logo
Rohm
1SS400CSFH ROHM-1SS400CSFH Datasheet
1Mb / 8P
Switching Diode
More results

Similar Description - 1SS400CSRTG

ManufacturerPart #DatasheetDescription
logo
Formosa MS
CDSN4148 FORMOSA-CDSN4148 Datasheet
80Kb / 2P
SMD Switching Diode - High Speed
logo
Taiwan Semiconductor Co...
TS4148RX TSC-TS4148RX Datasheet
80Kb / 2P
400mW High Speed SMD Switching Diode
BAS316WS TSC-BAS316WS Datasheet
95Kb / 3P
200mW, High-speed switching SMD Diode
LL4148 TSC-LL4148_10 Datasheet
206Kb / 3P
500mW High Speed SMD Switching Diode
LL4X48 TSC-LL4X48_11 Datasheet
168Kb / 3P
500mW High Speed SMD Switching Diode
1N4148W-G TSC-1N4148W-G Datasheet
191Kb / 3P
High Speed SMD Switching Diode
TS4148C TSC-TS4148C Datasheet
199Kb / 1P
High Speed SMD Switching Diode
1N4148W-G TSC-1N4148W-G_15 Datasheet
191Kb / 4P
High Speed SMD Switching Diode
BAS316WS TSC-BAS316WS_15 Datasheet
201Kb / 4P
200mW High-Speed Switching SMD Diode
LL4148 TSC-LL4148_15 Datasheet
238Kb / 4P
High Speed SMD Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com