Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1002C Datasheet(PDF) 13 Page - Linear Technology

Part # LT1002C
Description  Dual, Matched Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1002C Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1002C Datasheet HTML 8Page - Linear Technology LT1002C Datasheet HTML 9Page - Linear Technology LT1002C Datasheet HTML 10Page - Linear Technology LT1002C Datasheet HTML 11Page - Linear Technology LT1002C Datasheet HTML 12Page - Linear Technology LT1002C Datasheet HTML 13Page - Linear Technology LT1002C Datasheet HTML 14Page - Linear Technology LT1002C Datasheet HTML 15Page - Linear Technology LT1002C Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1002
Dead Zone Generator
1002 TA13
10k
0.1%
10k
0.1%
10k
0.1%
10k
0.1%
10k
0.1%
INPUT
–10 to 10V
OUTPUT
0 to 10V
3
4
13
–
+
10
11
6
–
+
IN4148
IN4148
1/2 LT1002
1/2 LT1002
Precision Absolute Value Circuit
–
+
–
+
2
3
1
8
6
–
+
2
3
6
1k
2N4393
Q1
2N4393
Q6
1002 TA12
**
100k
**
100k
10k*
10k*
10k**
10k**
10k
2k
100k
INPUT
100k
4.7k
4.7k
10k
4.7k
3.3k
15pF
30pF
+15V
IN914
–15V
LM301A
3
4
13
10
11
6
VOUT
LM301A
15pF
IN914
* 1% FILM
** RATIO MATCH 0.05%
Q2, 3, 4, 5 CA 3096 TRANSISTOR ARRAY
47pF
Q4
Q2
VSET
DEAD ZONE
CONTROL INPUT
0 to 5V
BIPOLAR SYMMETRY IS EXCELLENT
BECAUSE ONE DEVICE, Q2, SETS BOTH LIMITS
–
+
Q5
VSET
VSET
VOUT
VIN
Q3
1
/2 LT1002
1/2 LT1002
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com