Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARS35A Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # ARS35A
Description  High Current Button Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ARS35A Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  ARS35A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ARS35A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ARS35A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ARS35A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
ARS35M
ARS35M
(TA=25
oC unless otherwise noted)
Document Number: DS_D1409006
Version: D14
ARS35A thru ARS35M
Taiwan Semiconductor
ORDERING INFORMATION
PACKING CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING
ARS35x
(Note 1)
B0
G
ARS
1,000 / Bulk packing
Note 1: "x" defines voltage from 50V (ARS35A) to 1000V (ARS35M)
EXAMPLE
PREFERRED P/N
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
ARS35M B0
B0
ARS35M B0G
B0
G
Green compound
RATINGS AND CHARACTERISTICS CURVES
0
10
20
30
40
50
125
135
145
155
165
175
CASE TEMPERATURE(oC)
FIG.1 MAXMUM FORWARD CURRENT DERATING
CURVE
RESISTIVE OR
INDUCTIVE LOAD
10
100
1000
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
TJ=25oC
TJ=125oC
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS
PULSE WIDTH-300μs
1% DUTY CYCLE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com