Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1001AM/883 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1001AM/883
Description  Precision Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1001AM/883 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1001AM/883 Datasheet HTML 4Page - Linear Technology LT1001AM/883 Datasheet HTML 5Page - Linear Technology LT1001AM/883 Datasheet HTML 6Page - Linear Technology LT1001AM/883 Datasheet HTML 7Page - Linear Technology LT1001AM/883 Datasheet HTML 8Page - Linear Technology LT1001AM/883 Datasheet HTML 9Page - Linear Technology LT1001AM/883 Datasheet HTML 10Page - Linear Technology LT1001AM/883 Datasheet HTML 11Page - Linear Technology LT1001AM/883 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1001
Information furnished by Linear Technology Corporation is believed to be accurate and
reliable. However, no responsibility is assumed for its use. Linear Technology Corpora-
tion makes no representation that the interconnection of its circuits as described herein
will not infringe on existing patent rights.
Instrumentation Amplifier with
±300V
Common Mode Range and CMRR > 150dB
+
OUT
OUTPUT
1001 TA13
**
1
µF
0.1
µF
0.1
µF
**
0.2
µF
330k*
200
Ω
GAIN
TRIM
820
Ω
820
Ω
909
Ω*
10k
OUT
IN
INPUT
+15V
IN
10k
1k
74C906
(ACQUIRE)
S1
S2
S3
S4
02
01
(READ)
12
2
3
6
2
3
2k*
2k*
R1
1k
5.6k*
6
C
EN
R
CLK
74C04
74C86
4022
–
+
–
+
LT1001
A
LM301A
1) ALL DIODES IN4148
2) S1–S4 OPTO MOS SWITCH OFM-1A, THETA-J CORP.
3) *FILM RESISTOR
4) **POLYPROPYLENE CAPACITORS
5) ADJUST R1 for 93 Hz AT TEST POINT
A
LM329
A FLYING CAPACITOR CHARGED BY CLOCKED
PHOTO DRIVEN FET SWITCHES CONVERTS A
DIFFERENTIAL SIGNAL AT A HIGH COMMON
MODE VOLTAGE TO A SINGLE ENDED SIGNAL
AT THE LT1001 OUTPUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com