Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS19 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BAS19
Description  Surface Mount Fast Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAS19 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BAS19 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAS19 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAS19 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAS19 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ORDERING INFORMATION
PART NO.
Note 1: "xx" is Device Code from "19" thru "20".
Note 2: Part No. Suffix „-xx “ would be used for special requirement
PART NO.
PACKAGE OUTLINE DIMENSIONS
Min
Max
Min
Max
A
2.70
3.10
0.106
0.122
B
1.10
1.50
0.043
0.059
C
0.30
0.51
0.012
0.020
D
1.78
2.04
0.070
0.080
E
2.10
2.64
0.083
0.104
F
0.89
1.30
0.035
0.051
G
H
SUGGEST PAD LAYOUT
Z
X
Y
C
E
Document Number: DS_S1412038
Version: B14
1.0
0.039
0.7
0.028
0.9
0.035
1.9
0.075
DIM.
Unit (mm)
Unit (inch)
Typ.
Typ.
2.8
0.110
DIM.
Unit (mm)
Unit (inch)
0.55 REF
0.022 REF
0.10 REF
0.004 REF
BAS19-B0 RFG
BAS19
-B0
RF
G
Defined manufacture
source
Green compound
BAS19 RFG
BAS19
RF
G
Multiple manufacture
source
Green compound
BAS19 RF
BAS19
RF
Multiple manufacture
source
EXAMPLE
PREFERRED P/N
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
BASxx
(Note 1)
-xx
RF
GSOT-23
3K / 7" Reel
R5
10K / 13" Reel
BAS19 / BAS20
Taiwan Semiconductor
Small Signal Product
PART NO.
SUFFIX (Note 2)
PACKING
CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com