Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1013 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1013
Description  Quad Precision Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1013 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1013 Datasheet HTML 9Page - Linear Technology LT1013 Datasheet HTML 10Page - Linear Technology LT1013 Datasheet HTML 11Page - Linear Technology LT1013 Datasheet HTML 12Page - Linear Technology LT1013 Datasheet HTML 13Page - Linear Technology LT1013 Datasheet HTML 14Page - Linear Technology LT1013 Datasheet HTML 15Page - Linear Technology LT1013 Datasheet HTML 16Page - Linear Technology LT1013 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LT1013/LT1014
TYPICAL APPLICATIONS
Methane Concentration Detector with Linearized Output
+
–
+
–
13
12
14
A4
LT1014
74C04
74C04
74C04
470pF
10k
470pF
+5V
–5V
1N4148
OUTPUT
500ppm-10,000ppm
50Hz
1kHz
2k
1N4148
(4)
+
–
6
5
7
A2
LT1014
Q4
Q3
Q2
Q1
150k*
2k
1000pF
100k*
+
–
2
3
1
A1
LT1014
4
+5V
5k
1000ppm
TRIM
12k*
LTC1044
10
µF
42
3
58
+5V
SENSOR
9
10
8
A3
LT1014
11
100k*
390k*
LT1004
1.2V
10
µF
0.033
14
1
–5V
+5V
CD4016
1% METAL FILM RESISTOR
SENSOR = CALECTRO-GC ELECTRONICS #J4-807 OR FIGARO #813
*
–5V
CA3046
1
14
2.7k
Low Power 9V to 5V Converter
LT1013
1
2
3
330k
+9V
LT1004
1.2V
120k
1%
390k
1%
5V
20mA
2N5434
LT1013
7
5
6
HP5082-2811
100
µA
8
4
+9V
47k
+
47
1N4148
L
10k
10k
2N2905
L = DALE TE-3/Q3/TA.
SHORT CIRCUIT CURRENT = 30mA.
≈ 75% EFFICIENCY.
SWITCHING PREREGULATOR CONTROLS DROP ACROSS FET TO 200mV.
+9V INPUT
VD = 200mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com