Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD103CWS-G3-08 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SD103CWS-G3-08
Description  Small Signal Schottky Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD103CWS-G3-08 Datasheet(HTML) 2 Page - Vishay Siliconix

  SD103CWS-G3-08 Datasheet HTML 1Page - Vishay Siliconix SD103CWS-G3-08 Datasheet HTML 2Page - Vishay Siliconix SD103CWS-G3-08 Datasheet HTML 3Page - Vishay Siliconix SD103CWS-G3-08 Datasheet HTML 4Page - Vishay Siliconix SD103CWS-G3-08 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SD103AWS-G, SD103BWS-G, SD103CWS-G
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 21-Nov-13
2
Document Number: 81142
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Typical Variation of Forward Current vs. Forward Voltage
Fig. 2 - Typical High Current Forward Conduction Curve
Fig. 3 - Typical Variation of Reverse Current at Various
Temperatures
Fig. 4 - Diode Capacitance vs. Reverse Voltage
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Leakage current
VR = 30 V
SD103AWS-G
IR
5μA
VR = 20 V
SD103BWS-G
IR
5μA
VR = 10 V
SD103CWS-G
IR
5μA
Forward voltage drop
IF = 20 mA
VF
370
mV
IF = 200 mA
VF
600
mV
Diode capacitance
VR = 0 V, f = 1 MHz
CD
50
pF
Reverse recovery time
IF = IR = 50 mA to 200 mA,
recover to 0.1 IR
trr
10
ns
18488
0.01
1000
100
0.1
1
10
0
0.4
0.6
0.8
1.0
0.2
VF - Forward Voltage (V)
18489
4
5
3
2
0
1
0.5
1.0
01.5
VF - Forward Voltage (V)
duty cycle = 2 %
tp = 300 ms
0.01
0.1
1
10
100
1000
0
5
10 15 20 25 30 35 40 45 50
V - Reverse Voltage (V)
R
20084
75 °C
50 °C
25 °C
100 °C
Tamb = 125 °C
18491
10
20
30
40
050
VR - Reverse Voltage (V)
100
10
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com