Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD103CWS-G3-18 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SD103CWS-G3-18
Description  Small Signal Schottky Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD103CWS-G3-18 Datasheet(HTML) 3 Page - Vishay Siliconix

  SD103CWS-G3-18 Datasheet HTML 1Page - Vishay Siliconix SD103CWS-G3-18 Datasheet HTML 2Page - Vishay Siliconix SD103CWS-G3-18 Datasheet HTML 3Page - Vishay Siliconix SD103CWS-G3-18 Datasheet HTML 4Page - Vishay Siliconix SD103CWS-G3-18 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SD103AWS-G, SD103BWS-G, SD103CWS-G
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 21-Nov-13
3
Document Number: 81142
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Blocking Voltage Deration vs. Temperature at Various Average Forward Currents
PACKAGE DIMENSIONS in millimeters (inches): SOD-323
Tamb - Ambient Temperature (°C)
18492
100
200
0
30
10
40
20
0
50
= 400 mA
I F
100 mA
200 mA
Foot print recommendation:
Rev. 5 - Date: 23.Sept.2009
17443
Document no.:S8-V-3910.02-001 (4)
0.6 (0.024)
0.6 (0.024)
1.6 (0.063)
Cathode bar
2.50 (0.098)
2.85 (0.112)
1.60 (0.063)
1.95 (0.077)
Created - Date: 24.August.2004
0.40 (0.016)
0.25 (0.010)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com