Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDWX4F1C Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # SDWX4F1C
Description  Enable High Flux and Cost Efficient System
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SDWX4F1C Datasheet(HTML) 1 Page - Seoul Semiconductor

  SDWX4F1C Datasheet HTML 1Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 2Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 3Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 4Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 5Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 6Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 7Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 8Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
SDWx4F1C
– Chip on Board
Product Data Sheet
Product Brief
Description
Key Applications
Features and Benefits
www.seoulsemicon.com
1
Enable High Flux and Cost Efficient System
SDWx4F1C (SDW04F1C, SDW84F1C, SDW94F1C)
Z Power Chip on board
– ZC series
•
Size 28mm * 28mm
•
Power dissipation 25.2 ~ 55.2W
•
Wide CCT range with CRI70~90
•
Forward
VF typ 35.6V
•
Maximum Current 1.38A
•
MacAdam 3-step binning
•
Uniformed Shadow
•
Excellent Thermal management
•
RoHS compliant
Table 1. Product Selection Table
MacAdam
3-Step
RoHS
Part Number
CCT [K]
Color
Min.
Typ.
Max.
SDW04F1C
Cool White
4,700
-
6,000
Neutral White
3,700
-
4,700
SDW84F1C
Cool White
4,700
-
6,000
Neutral White
3,700
-
4,700
Warm White
2,600
-
3,700
SDW94F1C
Neutral White
3,700
-
4,200
Warm White
2,600
-
3,700
•
The ZC series are LED arrays which
provide High Flux and High Efficacy.
•
It is especially designed for easy
assembly of lighting fixtures by
eliminating reflow soldering process.
•
It‘s thermal management is better than
other power LED solutions with wide
Metal area.
•
ZC series are ideal light sources for
General Lighting applications including
Replacement Lamps, Industrial &
Commercial Lightings and other high
Lumen required applications.
•
Commercial
– Downlight
•
Industrial
– High/Low Bay lighting
•
Residential
•
Replacement lamps
– Bulb, PAR
•
Outdoor area
– Street lighting, Tunnel
lighting, Parking area lighting


Similar Part No. - SDWX4F1C

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SDWX1F1B SEOUL-SDWX1F1B Datasheet
696Kb / 26P
Enable High Flux and Cost Efficient System
SDWX1F1C SEOUL-SDWX1F1C Datasheet
737Kb / 27P
Enable High Flux and Cost Efficient System
SDWX2F1C SEOUL-SDWX2F1C Datasheet
762Kb / 27P
Enable High Flux and Cost Efficient System
SDWX3F1C SEOUL-SDWX3F1C Datasheet
757Kb / 27P
Enable High Flux and Cost Efficient System
SDWX5F1C SEOUL-SDWX5F1C Datasheet
784Kb / 27P
Enable High Flux and Cost Efficient System
More results

Similar Description - SDWX4F1C

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SDW81F1DY SEOUL-SDW81F1DY Datasheet
669Kb / 24P
Enable High Flux and Cost Efficient System
SDWX1F1B SEOUL-SDWX1F1B Datasheet
696Kb / 26P
Enable High Flux and Cost Efficient System
SDWX1F1C SEOUL-SDWX1F1C Datasheet
737Kb / 27P
Enable High Flux and Cost Efficient System
SDWX2F1C SEOUL-SDWX2F1C Datasheet
762Kb / 27P
Enable High Flux and Cost Efficient System
SDWX3F1C SEOUL-SDWX3F1C Datasheet
757Kb / 27P
Enable High Flux and Cost Efficient System
SDWX5F1C SEOUL-SDWX5F1C Datasheet
784Kb / 27P
Enable High Flux and Cost Efficient System
SDWX6F1C SEOUL-SDWX6F1C Datasheet
849Kb / 24P
Enable High Flux and Cost Efficient System
SDWX7F1C SEOUL-SDWX7F1C Datasheet
514Kb / 25P
Enable High Flux and Cost Efficient System
SAW81F1D SEOUL-SAW81F1D Datasheet
882Kb / 21P
Enable High Flux and Cost Efficient System
SAW82F1D SEOUL-SAW82F1D Datasheet
886Kb / 21P
Enable High Flux and Cost Efficient System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com