Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1027 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1027
Description  Precision 5V Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1027 Datasheet(HTML) 2 Page - Linear Technology

  LT1027 Datasheet HTML 1Page - Linear Technology LT1027 Datasheet HTML 2Page - Linear Technology LT1027 Datasheet HTML 3Page - Linear Technology LT1027 Datasheet HTML 4Page - Linear Technology LT1027 Datasheet HTML 5Page - Linear Technology LT1027 Datasheet HTML 6Page - Linear Technology LT1027 Datasheet HTML 7Page - Linear Technology LT1027 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LT1027
2
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
Output Voltage (Note 2)
LT1027A
4.9990
5.000
5.0010
V
LT1027B, C, D
4.9975
5.000
5.0025
LT1027E
4.9950
5.000
5.0050
TCVOUT
Output Voltage Temperature Coefficient
LT1027A, B
q
1
2
ppm/
°C
(Note 3)
LT1027C
q
23
LT1027D
q
25
LT1027E
q
3
7.5
Supply Voltage (VIN) ............................................... 40V
Input-Output Voltage Differential ............................ 35V
Output to Ground Voltage ......................................... 7V
VTRIM to Ground Voltage
Positive ................................................................ 5V
Negative .......................................................... – 0.3V
Output Short-Circuit Duration
VIN > 20V ........................................................ 10 sec
VIN ≤ 20V ................................................... Indefinite
Operating Temperature Range
LT1027C ................................................ 0
°C to 70°C
LT1027M ......................................... – 55
°C to 125°C
Storage Temperature Range
All Devices ....................................... – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
A
G
A
U
A
R
BSOLUTEXI
TI
S
PACKAGE/ORDER I FOR ATIO
TOP VIEW
NC*
NC*
NC*
VIN
VOUT
VTRIM
NR
GND
8
7
6
5
3
2
1
4
H PACKAGE
8-LEAD TO-5 METAL CAN
TJMAX = 150°C, θJA = 150°C/W, θJC = 45°C/W
ORDER PART NUMBER
ORDER PART NUMBER
ORDER PART NUMBER
TJMAX = 100°C, θJA = 130°C/W
TJMAX = 100°C, θJA = 180°C/W
1
2
3
4
8
7
6
5
TOP VIEW
VIN
NC*
NC*
NC*
NR
GND
VTRIM
VOUT
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
5
6
7
8
TOP VIEW
NC*
NC*
NC*
VIN
VOUT
VTRIM
NR
GND
N8 PACKAGE
8-LEAD PDIP
LT1027ACH-5
LT1027BCH-5
LT1027CCH-5
LT1027DCH-5
LT1027ECH-5
LT1027BCN8-5
LT1027CCN8-5
LT1027DCN8-5
LT1027ECN8-5
LT1027CCS8-5
LT1027DCS8-5
LT1027ECS8-5
1027C5
1027D5
1027E5
S8 PART MARKING
*Connected internally. Do not connect external circuitry to these pins. Consult factory for Industrial and Military grade parts.
ELECTRICAL C
C
HARA TERISTICS The q denotes specifications which apply over the full operating
temperature range otherwise specifications are at TA = 25°C. VIN = 10V, ILOAD = 0, unless otherwise specified.
(Note 1)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com