Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8C2PA Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # STW8C2PA
Description  Thermally Enhanced Package Design
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW8C2PA Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button STW8C2PA Datasheet HTML 7Page - Seoul Semiconductor STW8C2PA Datasheet HTML 8Page - Seoul Semiconductor STW8C2PA Datasheet HTML 9Page - Seoul Semiconductor STW8C2PA Datasheet HTML 10Page - Seoul Semiconductor STW8C2PA Datasheet HTML 11Page - Seoul Semiconductor STW8C2PA Datasheet HTML 12Page - Seoul Semiconductor STW8C2PA Datasheet HTML 13Page - Seoul Semiconductor STW8C2PA Datasheet HTML 14Page - Seoul Semiconductor STW8C2PA Datasheet HTML 15Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
www.seoulsemicon.com
Product Data Sheet
STW8C2PA
– Mid-Power LED
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
11
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev7.0
Color Bin Structure
 Color Bin CIE 그래프는 한 장에 넣는다.
Part Number
Luminous Intensity (cd)
@ I
F = 200mA
Color
Chromaticity
Coordinate
@ I
F = 200mA
Typical Forward
Voltage (V
F) @ IF = 200mA
Bin Code
Min.
Max.
Bin Code
Min.
Max.
STW8C2PA
K21
21.5
24
Refer to page.12
Y3
2.9
3.0
K24
24
26
Z1
3.0
3.1
K26
26
28.5
Z2
3.1
3.2
K28
28.5
31.2
Z3
3.2
3.3
Table 4. Bin Code description
*Notes :
All measurements were made under the standardized environment of SSC.
In order to ensure availability, single color rank will not be orderable.
Table 5. Intensity rank distribution
Available ranks
CCT
CIE
IV Rank
6000- 7000K
A
K21
K24
K26
K28
5300- 6000K
B
K21
K24
K26
K28
4700 ~ 5300K
C
K21
K24
K26
K28
4200 ~ 4700K
D
K21
K24
K26
K28
3700 ~ 4200K
E
K21
K24
K26
K28
3200 ~ 3700K
F
K21
K24
K26
K28
2900 ~ 3200K
G
K21
K24
K26
K28
2600 - 2900K
H
K21
K24
K26
K28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com