Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW9C2SA Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # STW9C2SA
Description  Thermally Enhanced Package Design
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW9C2SA Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button STW9C2SA Datasheet HTML 7Page - Seoul Semiconductor STW9C2SA Datasheet HTML 8Page - Seoul Semiconductor STW9C2SA Datasheet HTML 9Page - Seoul Semiconductor STW9C2SA Datasheet HTML 10Page - Seoul Semiconductor STW9C2SA Datasheet HTML 11Page - Seoul Semiconductor STW9C2SA Datasheet HTML 12Page - Seoul Semiconductor STW9C2SA Datasheet HTML 13Page - Seoul Semiconductor STW9C2SA Datasheet HTML 14Page - Seoul Semiconductor STW9C2SA Datasheet HTML 15Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Rev2.0
www.seoulsemicon.com
Product Data Sheet
3030
– Mid-Power LED
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
11
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Color Bin Structure
 Color Bin CIE 그래프는 한 장에 넣는다.
Part Number
Luminous Intensity (cd)
@ I
F = 100mA
Color
Chromaticity
Coordinate
@ I
F = 100mA
Typical Forward
Voltage (V
F) @ IF = 100mA
Bin Code
Min.
Max.
Bin Code
Min.
Max.
STW9C2SA
J17
17
19.5
Refer to page.14
Z56
5.6
5.8
J19
19.5
21.5
Z58
5.8
6.0
K21
21.5
(21.0) [1]
24
Z60
6.0
6.2
K24
24
26
Z62
6.2
6.4
Z64
6.4
6.6
Table 4. Bin Code description
*Notes :
All measurements were made under the standardized environment of SSC.
In order to ensure availability, single color rank will not be orderable.
(1)
Exceptively, at CCT 3000K (CIE G) and 2700K (CIE H) of STW9C2SA, IV rank K21’s Minimum
Luminous Intensity(cd) is 21cd.
Table 5. Intensity rank distribution
Available ranks
CCT
CIE
IV Rank
6000- 7000K
A
J17
J19
K21
K24
5300- 6000K
B
J17
J19
K21
K24
4700 ~ 5300K
C
J17
J19
K21
K24
4200 ~ 4700K
D
J17
J19
K21
K24
3700 ~ 4200K
E
J17
J19
K21
K24
3200 ~ 3700K
F
J17
J19
K21
K24
2900 ~ 3200K
G
J17
J19
K21
K24
2600 - 2900K
H
J17
J19
K21
K24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com