Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW9C2SB Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # STW9C2SB
Description  High Color Quality with CRI Min.90
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW9C2SB Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button STW9C2SB Datasheet HTML 7Page - Seoul Semiconductor STW9C2SB Datasheet HTML 8Page - Seoul Semiconductor STW9C2SB Datasheet HTML 9Page - Seoul Semiconductor STW9C2SB Datasheet HTML 10Page - Seoul Semiconductor STW9C2SB Datasheet HTML 11Page - Seoul Semiconductor STW9C2SB Datasheet HTML 12Page - Seoul Semiconductor STW9C2SB Datasheet HTML 13Page - Seoul Semiconductor STW9C2SB Datasheet HTML 14Page - Seoul Semiconductor STW9C2SB Datasheet HTML 15Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
www.seoulsemicon.com
Product Data Sheet
STW9C2SB
– Mid-Power LED
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
11
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev2.0
Color Bin Structure
 Color Bin CIE 그래프는 한 장에 넣는다.
Part Number
Luminous
Intensity (cd) [2]
Color Chromaticity
Coordinate
Typical Forward Voltage (V)
Bin Code
Min.
Max.
Bin Code
Min.
Max.
STW9C2SB
K21
21.5
(21.0 [1])
23.0
Refer to page.12~20
Z60
6.0
6.2
K23
23.0
24.0
Z62
6.2
6.4
K24
24.0
26.0
Table 5. Bin Code description, T
j=25℃, IF=100mA
Table 6. Intensity rank distribution
Available ranks
*Notes :
All measurements were made under the standardized environment of Seoul Semiconductor.
In order to ensure availability, single color rank will not be orderable.
[1] Minimum Luminous Intensity of K21 is 21cd at CIE G and H IV rank.
CCT
CIE
IV Rank
6000- 7000K
A
K21
K23
K24
5300- 6000K
B
K21
K23
K24
4700 ~ 5300K
C
K21
K23
K24
4200 ~ 4700K
D
K21
K23
K24
3700 ~ 4200K
E
K21
K23
K24
3200 ~ 3700K
F
K21
K23
K24
2900 ~ 3200K
G
K21
K23
K24
2600 - 2900K
H
K21
K23
K24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com