Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THBTGFR421 Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # THBTGFR421
Description  Small size suitable for compact appliances
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

THBTGFR421 Datasheet(HTML) 5 Page - Seoul Semiconductor

  THBTGFR421 Datasheet HTML 1Page - Seoul Semiconductor THBTGFR421 Datasheet HTML 2Page - Seoul Semiconductor THBTGFR421 Datasheet HTML 3Page - Seoul Semiconductor THBTGFR421 Datasheet HTML 4Page - Seoul Semiconductor THBTGFR421 Datasheet HTML 5Page - Seoul Semiconductor THBTGFR421 Datasheet HTML 6Page - Seoul Semiconductor THBTGFR421 Datasheet HTML 7Page - Seoul Semiconductor THBTGFR421 Datasheet HTML 8Page - Seoul Semiconductor THBTGFR421 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
서식번호 : SSC- QP- 7- 07- 25 (Rev.0.0)
Rev. 02
Rev. 02
January 2012
January 2012
WWW.SEOULSEMICON.COM
WWW.SEOULSEMICON.COM
Forward Current vs.
Forward Voltage
Relative Luminous Intensity vs.
Forward Current
Ta = 25o
Spectrum
4. Characteristic Diagrams
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
0.1
1
10
100
Forward Voltage V
F
[V]
RED
GREEN
BLUE
0
5
10
15
20
25
30
35
40
0
20
40
60
80
100
120
140
160
180
Forward Current I
F
[mA]
RED
GREEN
BLUE
300
400
500
600
700
800
0.0
0.2
0.4
0.6
0.8
1.0
Wavelength [nm]
-25
0
25
50
75
100
0
10
20
30
40
Red
Blue / Green
Ambient temperature Ta(
oC)
Forward Current vs.
Ambient Temperature (per die)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com