Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3023 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3023
Description  Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3023 Datasheet(HTML) 2 Page - Linear Technology

  LT3023_15 Datasheet HTML 1Page - Linear Technology LT3023_15 Datasheet HTML 2Page - Linear Technology LT3023_15 Datasheet HTML 3Page - Linear Technology LT3023_15 Datasheet HTML 4Page - Linear Technology LT3023_15 Datasheet HTML 5Page - Linear Technology LT3023_15 Datasheet HTML 6Page - Linear Technology LT3023_15 Datasheet HTML 7Page - Linear Technology LT3023_15 Datasheet HTML 8Page - Linear Technology LT3023_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT3023
2
3023fa
ABSOLUTE MAXIMUM RATINGS
IN Pin Voltage .........................................................±20V
OUT1, OUT2 Pin Voltage .........................................±20V
Input to Output Differential Voltage.........................±20V
ADJ1, ADJ2 Pin Voltage............................................±7V
BYP1, BYP2 Pin Voltage ........................................±0.6V
SHDN1, SHDN2 Pin Voltage ...................................±20V
(Note 1)
TOP VIEW
DD PACKAGE
10-LEAD (3mm
3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
OUT2
SHDN2
IN
SHDN1
OUT1
BYP2
ADJ2
GND
ADJ1
BYP1
11
TJMAX = 125°C, θJA = 40°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
BYP2
ADJ2
GND
ADJ1
BYP1
10
9
8
7
6
OUT2
SHDN2
IN
SHDN1
OUT1
TOP VIEW
MSE PACKAGE
10-LEAD PLASTIC MSOP
11
TJMAX = 150°C, θJA = 40°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3023EDD#PBF
LT3023EDD#TRPBF
LAJA
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3023IDD#PBF
LT3023IDD#TRPBF
LAJA
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3023EMSE#PBF
LT3023EMSE#TRPBF
LTAHZ
10-Lead Plastic MSOP
–40°C to 125°C
LT3023IMSE#PBF
LT3023IMSE#TRPBF
LTAHZ
10-Lead Plastic MSOP
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3023EDD
LT3023EDD#TR
LAJA
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3023IDD
LT3023IDD#TR
LAJA
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3023EMSE
LT3023EMSE#TR
LTAHZ
10-Lead Plastic MSOP
–40°C to 125°C
LT3023IMSE
LT3023IMSE#TR
LTAHZ
10-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Output Short-Circut Duration ........................... Indefinite
Operating Junction Temperature Range
(Note 2) ............................................. –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(MSE package only)
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
(Notes 3, 11)
ILOAD = 100mA
l
1.8
2.3
V
ADJ1, ADJ2 Pin Voltage
(Note 3, 4)
VIN = 2V, ILOAD = 1mA
2.3V < VIN < 20V, 1mA < ILOAD < 100mA
l
1.205
1.190
1.220
1.220
1.235
1.250
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com