Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3420 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3420
Description  Photoflash Capacitor Chargers with Automatic Refresh
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3420 Datasheet(HTML) 2 Page - Linear Technology

  LT3420_15 Datasheet HTML 1Page - Linear Technology LT3420_15 Datasheet HTML 2Page - Linear Technology LT3420_15 Datasheet HTML 3Page - Linear Technology LT3420_15 Datasheet HTML 4Page - Linear Technology LT3420_15 Datasheet HTML 5Page - Linear Technology LT3420_15 Datasheet HTML 6Page - Linear Technology LT3420_15 Datasheet HTML 7Page - Linear Technology LT3420_15 Datasheet HTML 8Page - Linear Technology LT3420_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LT3420/LT3420-1
3420fb
1
2
3
4
5
RREF
VBAT
RFB
VCC
GND
10
9
8
7
6
CT
CHARGE
DONE
SEC
SW
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage, VCC
●
2.2
2.5
V
Maximum Operating Voltage, VCC
16
V
VCC UVLO Hysteresis
40
mV
Minimum VBAT Voltage
1.6
1.8
V
Maximum VBAT Voltage
16
V
VBAT UVLO Hysteresis
275
mV
RREF Threshold Voltage
0.98
1.00
1.02
V
●
0.975
1.025
V
RREF Pin Bias Current
VRREF = 0V, Switching
2
4
µA
VRFB = VBAT – 0.2V (Note 4)
Quiescent Current
VRREF = 1.1V, Not Switching
90
130
µA
Quiescent Current in Shutdown
VCHARGE = 0V, VIN = 3.3V
0.01
1
µA
Consult LTC Marketing for parts specified with wider operating temperature ranges.
VCC Voltage .............................................................. 16V
VBAT Voltage ............................................................ 16V
SW Voltage (Note 2)
LT3420 ................................................................ 38V
LT3420-1 ............................................................ 50V
SEC Current ...................................................... ±200mA
RFB Current ........................................................... ±3mA
RREF Voltage ........................................................... 2.5V
CHARGE Voltage ...................................................... 16V
CT Voltage .............................................................. 1.5V
ABSOLUTE
AXI U
RATI GS
(Note 1)
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = VBAT = 3.3V, VCHARGE = VCC unless otherwise noted. (Note 3)
TJMAX = 125°C, θJA = 100°C/W, θJC = 45°C/W
(4-LAYER BOARD)
TOP VIEW
DD PACKAGE
10-LEAD (3mm × 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
CT
CHARGE
DONE
SEC
SW
RREF
VBAT
RFB
VCC
GND
11
ORDER PART
NUMBER
LT3420EDD
LT3420EDD-1
TJMAX = 125°C, θJA = 43°C/W, θJC = 3°C/W
EXPOSED PAD IS GND (PIN 11)
AND MUST BE SOLDERED TO PCB
PACKAGE/ORDER INFORMATION
DD PART
MARKING
LBJW
LBJX
ORDER PART
NUMBER
MS PART MARKING
LTYH
LTAJG
LT3420EMS
LT3420EMS-1
DONE Voltage .......................................................... 16V
Current into DONE Pin .......................................... ±1mA
Maximum Junction Temperature .......................... 125°C
Operating Ambient Temperature Range
(Note 3) .............................................. – 40°C to 85°C
Storage Temperature Range ................. – 40°C to 125°C
Lead Temperature (Soldering, 10 sec)
(For MS Package only) ..................................... 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com