Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS85 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BAS85
Description  Hermetically Sealed Glass Fast Switching Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAS85 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BAS85 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAS85 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAS85 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PART NO.
Note 1: Part No. Suffix „-xx “ would be used for special requirement
PART NO.
Min
Max
Min
Max
A
3.30
3.70
0.130
0.146
B
1.40
1.60
0.055
0.063
C
0.20
0.50
0.008
0.020
A
B
C
D
Document Number: DS_S1412007
Version: C14
Define manufacture
source
Halogen free
G
L0
-L0
BAS85
BAS85-L0 L0G
Multiple manufacture
source
Halogen free
G
L0
BAS85
BAS85 L0G
BAS85
Taiwan Semiconductor
Small Signal Product
ORDERING INFORMATION
PART NO.
SUFFIX (Note 1)
PACKING CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING
BAS85
L0
G
MINI MELF
10K / 13" Reel
L1
2.5K / 7" Reel
-xx
EXAMPLE
PREFERRED P/N
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
PACKAGE OUTLINE DIMENSION
DIM.
Unit (mm)
Unit (inch)
SUGGEST PAD LAYOUT
DIM.
Unit (mm)
Unit (inch)
Typ.
Typ.
5.00
0.197
1.25
0.049
2.00
0.079
2.50
0.098
C
B
A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com