Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS116 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BAS116
Description  225mW, SMD Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAS116 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BAS116 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAS116 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAS116 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAS116 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ORDERING INFORMATION
PART NO.
BAS116
PART NO.
BAS116
PACKAGE OUTLINE DIMENSIONS
Min
Max
Min
Max
A
2.70
3.10
0.106
0.122
B
1.10
1.50
0.043
0.059
C
0.30
0.51
0.012
0.020
D
1.78
2.04
0.070
0.080
E
2.10
2.64
0.083
0.104
F
0.89
1.30
0.035
0.051
G
H
SUGGESTED PAD LAYOUT
Z
X
Y
C
E
Document Number: DS_S1412037
Version: D15
BAS116 RFG
G
Green compound
RF
EXAMPLE
PREFERRED P/N
PACKING CODE
SUFFIX
DESCRIPTION
PACKING CODE
PACKING
G
SOT-23
3K / 7" Reel
PACKING CODE
RF
0.9
0.035
1.9
0.075
1.0
0.039
Unit (inch)
Typ.
Typ.
2.8
0.110
0.7
0.028
DIM.
Unit (mm)
Unit (inch)
0.55 REF
0.022 REF
0.10 REF
0.004 REF
DIM.
Unit (mm)
SOT-23
BAS116
Taiwan Semiconductor
Small Signal Product
PACKING CODE
SUFFIX
PACKAGE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com