Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS316 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BAS316
Description  200mW High Voltage SMD Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAS316 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BAS316 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAS316 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAS316 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAS316 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(TA=25°C unless otherwise noted)
Document Number: DS_S1311003
Version: C14
RATINGS AND CHARACTERISTICS CURVES
BAS316
Taiwan Semiconductor
Small Signal Product
0.001
0.01
0.1
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Instantaneous Forward Voltage (V)
Fig. 1 Typical Forward Characteristics
0.01
0.1
1
10
100
0
20406080
100
120
Reverse Voltage (V)
Fig. 2 Reverse Current VS. Reverse Voltage
0
50
100
150
200
250
0
25
50
75
100
125
150
175
Ambient Temperature (°C)
Fig. 3 Admissible Power Dissipation Curve
0
0.3
0.6
0.9
1.2
1.5
0246
8
10
12
14
16
Reverse Voltage (V)
Fig. 4 Typical Junction Capacitance



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com