Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT42 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BAT42
Description  Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT42 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BAT42 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT42 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAT42 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAT42 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Small Signal Product
(TA=25℃ unless otherwise noted)
Document Number: DS_S1412008
Version: C14
Taiwan Semiconductor
BAT42 / BAT43
RATINGS AND CHARACTERISTICS CURVES
0
50
100
150
200
250
0
25
50
75
100
125
150
175
200
TA - Ambient Temperature (oC)
Fig.1 Admissible Power Dissipation VS.
Ambient Temperature
0.01
0.1
1
10
100
1000
0
200
400
600
800
1000
1200
VF - Instantaneous Forward Voltage (mV)
Fig. 2 Typical Reverse Characteristics
125 °C
-40 °C
25 °C
0.01
0.1
1
10
100
1000
0
1020
304050
VR - Reverse Voltage (V)
Fig. 3 Typical Reverse Characteristics
125 °C
100 °C
75 °C
50 °C
25 °C
0
2
4
6
8
10
12
14
16
18
0
102030
405060
VR - Reverse Voltage (V)
Fig. 4 TypicalCapacitance VS. Reverse Applied Voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com