Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT43 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BAT43
Description  Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT43 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BAT43 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT43 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAT43 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAT43 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Small Signal Product
PART NO.
Note 2: Part No. Suffix „-xx “ would be used for special requirement
PART NO.
Min
Max
Min
Max
A
0.34
0.60
0.013
0.024
B
2.90
5.08
0.114
0.200
C
25.40
38.10
1.000
1.500
D
1.30
2.28
0.051
0.090
"x" is Device Code from "2" thru "3".
Document Number: DS_S1412008
Version: C14
MARKING DIAGRAM
DIM.
Unit (mm)
Unit (inch)
PACKAGE OUTLINE DIMENSION
-xx
PACKING
Define manufacture
source
Green compound
G
R0
-L0
BAT42
ORDERING INFORMATION
EXAMPLE
A0
PART NO.
SUFFIX (Note 2)
PACKING
CODE
PACKING CODE
SUFFIX
PACKAGE
5K / Box (Ammo)
PACKING CODE
SUFFIX
G
BAT42
Note 1: "x" is Device Code from "2" thru "3".
BAT42 / BAT43
Taiwan Semiconductor
Multiple manufacture
source
Green compound
R0
G
BAT42 R0G
DESCRIPTION
PREFERRED P/N
PACKING CODE
BAT42-L0 R0G
BAT4x
(Note1)
R0
DO-35
PART NO.
SUFFIX
10K / 14" Reel



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com