Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT42WS Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BAT42WS
Description  Surface Mount, Switching Schottky Barrier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT42WS Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BAT42WS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT42WS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAT42WS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAT42WS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BAT42WS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Small Signal Product
PART NO.
Note 1: "x" is Device Code from "2" thru "3".
Note 2: Part No. Suffix „-xx “ would be used for special requirement
PART NO.
Document Number: DS_S1412009
Version: E14
BAT42W-M0 RPG
BAT42W
-M0
RP
G
Define manufacture
source
Green compound
BAT42W RPG
BAT42W
RP
G
Multiple manufacture
source
Green compound
BAT42W RP
BAT42W
RP
Multiple manufacture
source
PREFERRED P/N
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
RP
RF
-xx
BAT42W/BAT43W
Taiwan Semiconductor
ORDERING INFORMATION
PART NO.
SUFFIX (Note 2)
EXAMPLE
PACKING
CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING
Define manufacture
source
Green compound
BAT4xW
(Note 1)
G
SOD-123
3,000 / 7" Reel
BAT42W-D0 RFG
BAT42W
-D0
RF
G



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com