Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1032CSW Datasheet(PDF) 3 Page - Linear Technology

Part # LT1032CSW
Description  Quad Low Power Line Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1032CSW Datasheet(HTML) 3 Page - Linear Technology

  LT1032CSW Datasheet HTML 1Page - Linear Technology LT1032CSW Datasheet HTML 2Page - Linear Technology LT1032CSW Datasheet HTML 3Page - Linear Technology LT1032CSW Datasheet HTML 4Page - Linear Technology LT1032CSW Datasheet HTML 5Page - Linear Technology LT1032CSW Datasheet HTML 6Page - Linear Technology LT1032CSW Datasheet HTML 7Page - Linear Technology LT1032CSW Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LT1032
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
TEMPERATURE (
°C)
25
1
100
1000
50
100
125
LT1032 • TPC03
10
75
VS = ±12V
SUPPLY VOLTAGE (
±V)
5
0
0.2
0.6
0.8
1.0
2.0
1.4
7.5
10
LT1032 • TPC02
0.4
1.6
1.8
1.2
12.5
15
ALL OUTPUTS HIGH
ALL OUTPUTS LOW
On Supply Current
vs Temperature
Supply Current
vs Supply Voltage
Off Supply Current
vs Temperature
Response Pin Leakage
vs Temperature (Device Off)
OUTPUT CURRENT (mA)
0
0.4
V+
8
LT1032 • TA02
0.8
0.4
V–
2
4
6
10
0.2
1.0
0.6
0.2
VOUT HIGH
VOUT LOW
Output Swing vs Output Current
TEMPERATURE (
°C)
100nA
25
75
100
LT1032 • TPC05
10nA
50
125
1nA
100
µA
10
µA
1
µA
VOUT = –30V
VOUT = 30V
Output Leakage vs Temperature
TEMPERATURE (
°C)
25
1
100
1000
50
75
100
LT1032 • G06
10
V = 5V
V = –5V
Shutdown Pin Voltage
vs Temperature
INPUT VOLTAGE (V)
0
6
10
4
LT1032 • TPC07
2
–2
–6
1
2
3
5
4
8
0
–4
ON/OFF Pin Current vs Voltage
TEMPERATURE (
°C)
–50
0
0.2
0.6
0.8
1.0
2.0
1.4
0
50
75
LT1032 • TPC08
0.4
1.6
1.8
1.2
–25
25
100 125
150
MIN ON VOLTAGE
MAX OFF VOLTAGE
TEMPERATURE (
°C)
–55
40
50
60
150
LT1032 • TPC09
30
20
0
0
50
100
10
80
70
–25
25
75
125
SINKING
SOURCING
Current Limit vs Temperature
TEMPERATURE (˚C)
–50
2.0
2.5
3.0
25
75
LT1032 • TPC01
1.5
1.0
–25
0
50
100
125
0.5
0
ALL OUTPUTS HIGH
ALL OUTPUTS LOW



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com