Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1039AI Datasheet(PDF) 6 Page - Linear Technology

Part # LT1039AI
Description  Triple RS232 Driver/Receiver with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1039AI Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1039AI Datasheet HTML 2Page - Linear Technology LT1039AI Datasheet HTML 3Page - Linear Technology LT1039AI Datasheet HTML 4Page - Linear Technology LT1039AI Datasheet HTML 5Page - Linear Technology LT1039AI Datasheet HTML 6Page - Linear Technology LT1039AI Datasheet HTML 7Page - Linear Technology LT1039AI Datasheet HTML 8Page - Linear Technology LT1039AI Datasheet HTML 9Page - Linear Technology LT1039AI Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1039A/LT1039A-16
APPLICATIONS INFORMATION
The driver output stage of the LT1039A offers signifi-
cantly improved protection over older bipolar and CMOS
designs. In addition to current limiting, the driver output
can be externally forced to
±30V with no damage or
excessive current flow.
LT1039A Driver
– 30V
30V
LT1039A
OUTPUT CAN
BE FORCED
EXTERNALLY
1039A AI01
The driver outputs utilize high impedance overvoltage
protection, eliminating the flow of fault currents into
supplies, as will happen with conventional diode clamp
configurations.
WITH SOME DRIVERS,
EXTERNALLY APPLIED
VOLTAGE CAN FORCE
THE SUPPLIES
1039A AI02
V +
V –
Older RS232 Drivers and Other CMOS Drivers
Placing the LT1039A in the shutdown mode (Pin 17 low)
puts both the driver and receiver outputs in a high imped-
ance state. This allows data line sharing and transceiver
applications.
Sharing a Transmitter Line
LT1039A #1
DRIVER
LT1039A #2
DRIVER
LOGIC
INPUT A
LOGIC
INPUT B
1039A AI03
ON/OFF
(CHANNEL SELECT)
INPUT
LOGIC
INVERTER
RS232
TRANSMISSION
LINE
LT1039A #1
DRIVER
LOGIC
TRANSMIT/RECEIVE
LINE
RS232
TRANSMIT/RECEIVE
LINE
1039A AI05
ON/OFF
(TRANSMIT/RECEIVE)
INPUT
LOGIC
INVERTER
LT1039A #2
RECEIVER
Transceiver
Sharing a Receiver Line
LT1039A #1
RECEIVER
RS232
INPUT A
RS232
INPUT B
1039A AI04
ON/OFF
(CHANNEL SELECT)
INPUT
LOGIC
INVERTER
LOGIC
OUTPUT
LT1039A #2
RECEIVER
The shutdown mode also drops all supply currents (VCC,
V +, V –) to zero for power conscious systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com