Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3905 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3905
Description  Boost DC/DC Converter with APD Current Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3905 Datasheet(HTML) 2 Page - Linear Technology

  LT3905_15 Datasheet HTML 1Page - Linear Technology LT3905_15 Datasheet HTML 2Page - Linear Technology LT3905_15 Datasheet HTML 3Page - Linear Technology LT3905_15 Datasheet HTML 4Page - Linear Technology LT3905_15 Datasheet HTML 5Page - Linear Technology LT3905_15 Datasheet HTML 6Page - Linear Technology LT3905_15 Datasheet HTML 7Page - Linear Technology LT3905_15 Datasheet HTML 8Page - Linear Technology LT3905_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LT3905
2
3905fa
For more information www.linear.com/LT3905
pin conFiguraTion
absoluTe MaxiMuM raTings
VIN, FB, EN/UVLO, CTRL, fSEL,
LOS_ADJ, LOS, ILIM.................................................12V
VOUT, SW, MONIN, APD ............................................65V
MON, LOS_MON, ILIM_MON ..................................2.5V
Operating Ambient Temperature Range
(Note 2)...................................................... –40 to 125°C
Operating Junction Temperature Range
(Note 2)...................................................... –40 to 125°C
Storage Temperature Range ......................–65 to 125°C
(Note 1)
16 15 14 13
5
6
7
8
TOP VIEW
17
GND
UD PACKAGE
16-LEAD (3mm
× 3mm) PLASTIC QFN
9
10
11
12
4
3
2
1
ILIM
LOS_MON
ILIM_MON
MON
CTRL
EN/UVLO
VIN
GND
θJA = 68°C/W, θJC = 7.5°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3905EUD#PBF
LT3905EUD#TRPBF
LGGP
16-Lead (3mm
× 3mm) Plastic QFN
–40°C to 125°C
LT3905IUD#PBF
LT3905IUD#TRPBF
LGGP
16-Lead (3mm
× 3mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com