Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54T Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BAT54T
Description  200mW Surface Mount Schottky Barrier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT54T Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BAT54T Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT54T Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAT54T Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAT54T Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BAT54T Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
(TA=25
℃ unless otherwise noted)
Document Number: DS_S1404008
Small Signal Product
RATINGS AND CHARACTERISTICS CURVES
BAT54T/AD/CD/SD/BR
Taiwan Semiconductor
Version: E14
125oC
0.1
1
10
100
1000
0.0
0.2
0.4
0.6
0.8
1.0
V
F, Instantaneous Forward Voltage (V)
Fig. 1 Forward Characteristics
T
A=125
oC
T
A= 75
oC
T
A= 25
oC
T
A=0
oC
T
A= -40
oC
0.001
0.01
0.1
1
10
100
0
10
20
30
V
R, Instantaneous Reverse Voltage (V)
Fig. 2 Typical Reverse Characteristics
T
A=125
oC
T
A=75
oC
T
A=25
oC
T
A=0
oC
0
100
200
0
25
50
75
100
125
150
T
A , Ambient Temperature (°C)
Fig. 4 Power Derating Curve
1
10
100
0
5
10
15
20
25
30
V
R , Reverse Voltage (V)
Fig. 3
Fig. 3 Capacitance Between Terminals Characteristics



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com