Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54CD Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # BAT54CD
Description  200mW Surface Mount Schottky Barrier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT54CD Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BAT54CD Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT54CD Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAT54CD Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAT54CD Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BAT54CD Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DIMENSIONS
Min
Max
Min
Max
A
2.000
2.200
0.079
0.087
B
1.150
1.350
0.045
0.053
C
0.150
0.350
0.006
0.014
D
1.200
1.400
0.047
0.055
E
2.150
2.450
0.085
0.096
F
0.850
1.050
0.033
0.041
G
0.250
0.460
0.010
0.018
H
0.000
0.100
0.000
0.004
SUGGESTED PAD LAYOUT
Z
G
X
Y
C1
C2
PIN CONFIGURATION
Document Number: DS_S1404008
Small Signal Product
DIM.
Unit (mm)
Unit (inch)
DIM
Unit (mm)
Unit (inch)
Typ.
Typ.
0.094
BAT54T/AD/CD/SD/BR
Taiwan Semiconductor
3.20
0.126
1.60
0.063
0.95
0.037
0.55
0.022
Version: E14
0.80
0.031
2.40
B
A
C
D
G
F
E
H



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com