Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3956 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3956
Description  Constant-Current, Constant-Voltage Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3956 Datasheet(HTML) 2 Page - Linear Technology

  LT3956_15 Datasheet HTML 1Page - Linear Technology LT3956_15 Datasheet HTML 2Page - Linear Technology LT3956_15 Datasheet HTML 3Page - Linear Technology LT3956_15 Datasheet HTML 4Page - Linear Technology LT3956_15 Datasheet HTML 5Page - Linear Technology LT3956_15 Datasheet HTML 6Page - Linear Technology LT3956_15 Datasheet HTML 7Page - Linear Technology LT3956_15 Datasheet HTML 8Page - Linear Technology LT3956_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT3956

3956f
absoluTe MaxiMuM raTings
VIN, ISP, ISN ..............................................................80V
SW............................................................................84V
EN/UVLO (Note 3).....................................................80V
INTVCC ...................................................... VIN + 0.3V, 8V
PWMOUT ..................................................INTVCC + 0.3V
CTRL, PWM, VMODE ................................................12V
FB ...............................................................................8V
VC, VREF, SS................................................................3V
RT ............................................................................1.5V
PGND to GND.........................................................±0.5V
Operating Junction Temperature Range
(Note 2) ............................................. –40°C to 125°C
Maximum Junction Temperature........................... 125°C
Storage Temperature Range................... –65°C to 125°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3956EUHE#PBF
LT3956EUHE#TRPBF
3956
36-Lead (5mm
× 6mm) Plastic QFN
–40°C to 125°C
LT3956IUHE#PBF
LT3956IUHE#TRPBF
3956
36-Lead (5mm
× 6mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Minimum Operating Voltage
VIN Tied to INTVCC
l
4.5
V
VIN Shutdown IQ
EN/UVLO = 0V
EN/UVLO = 1.15V
0.1
1
5
µA
µA
VIN Operating IQ (Not Switching)
PWM = 0V
1.4
1.7
mA
VREF Voltage
–100µA ≤ IVREF ≤ 0µA
l
1.965
2.00
2.045
V
VREF Line Regulation
4.5V ≤ VIN ≤ 80V
0.006
%/V
pin conFiguraTion
12 13 14
TOP VIEW
37
GND
38
SW
UHE PACKAGE
36-LEAD (5mm 6mm) PLASTIC QFN
15 16 17
36 35 34 33 32 31 30
21
23
24
25
27
28
8
6
4
3
2
1
NC
EN/UVLO
INTVCC
GND
VIN
SW
SW
NC
ISP
ISN
FB
GND
PWMOUT
SW
SW
20
9
10
TJMAX = 125°C, θJA = 43°C/W, θJC = 5°C/W
EXPOSED PAD (PIN 37) IS GND, MUST BE SOLDERED TO PCB
EXPOSED PAD (PIN 38) IS SW, MUST BE SOLDERED TO PCB
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating temp-
erature range, otherwise specifications are at TA = 25°C. VIN = 24V, EN/UVLO = 24V, CTRL = 2V, PWM = 5V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com