Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV19W Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAV19W
Description  410mW High Voltage SMD Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV19W Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAV19W Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV19W Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAV19W Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAV19W Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Small Signal Product
- These diodes are also available in DO-35, LL34 Package
- Surface Mount Device Type
- Moisture sensitivity level 1
- Matte Tin (Sn) lead finish with Nickel (Ni) underplate
- Pb free version and RoHS compliant
- Packing code with suffix "G" means
green compound (halogen-free)
MECHANICAL DATA
- Case: Flat lead SOD-123F small outline plastic package
- Terminal: Matte tin plated, lead free,
solderable per MIL-STD-202, Method 208 guaranteed
- High temperature soldering guaranteed: 260°C/10s
- Polarity: Indicated by cathode band
- Weight: 4.85 ± 0.5mg
SYMBOL
UNIT
PD
mW
VRRM
V
IFRM
mA
IO
mA
RθJA
oC/W
TJ , TSTG
oC
SYMBOL
UNIT
CJ
pF
trr
ns
Note 1 : Test condition : IR= 100μA
Note 2 : Test condition : BAV19W @ VR=100V, BAV20W @ VR=150V, BAV21W @ VR=200V
Note 3 : Test condition : IF= IR= 30mA , RL=100Ω , Irr=3mA
Document Number: DS_S1501003
Version: E15
1.25
5
50
-
-
-
-
100
-
410
Reverse Breakdown Voltage
(Note 1)
Forward Voltage
Reverse Leakage Current
(Note 2)
Reverse Recovery Time (Note 3)
Junction Capacitance
VR = 0 , f = 1.0 MHz
VF
PARAMETER
MAX
Power Dissipation
Junction and Storage Temperature Range
Thermal Resistance (Junction to Ambient)
-65 to +150
375
1
4
200
625
250
Pulse Width = 1 μs
Non-Repetitive Peak Forward
Surge Current
Pulse Width = 1 s
IFSM
MIN
120
200
-
nA
BAV20W
BAV21W
BAV19W
IR
IF = 100 mA
V
IF = 200 mA
1
V
BAV20W
BAV21W
250
-
-
BAV19W
V(BR)
A
Mean Forward Current
Repetitive Peak Forward Current
Repetitive Peak Reverse Voltage
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
VALUE
BAV19W/BAV20W/BAV21W
Taiwan Semiconductor
410mW High Voltage SMD Switching Diode
FEATURES
SOD-123F


Similar Part No. - BAV19W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV19W PANJIT-BAV19W Datasheet
54Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Transys Electronics
BAV19W TRSYS-BAV19W Datasheet
147Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAV19W WTE-BAV19W Datasheet
43Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
BAV19W DIODES-BAV19W Datasheet
70Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12024 Rev. 9 - 2
logo
General Semiconductor
BAV19W GE-BAV19W Datasheet
187Kb / 4P
Small Signal Diodes
More results

Similar Description - BAV19W

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BZT52C2V4 WTE-BZT52C2V4 Datasheet
60Kb / 5P
410mW SURFACE MOUNT ZENER DIODE
logo
Taiwan Semiconductor Co...
B0540W TSC-B0540W Datasheet
87Kb / 2P
410mW, Low VF SMD Schottky Barrier Diode
BAV21W TSC-BAV21W Datasheet
95Kb / 1P
410 mW High Voltage SMD Switching Diode
B0520LW TSC-B0520LW_10 Datasheet
162Kb / 3P
410mW, Low VF SMD Schottky Barrier Diode
BAS316 TSC-BAS316 Datasheet
138Kb / 3P
200mW High Voltage SMD Switching Diode
BAV19W TSC-BAV19W_10 Datasheet
213Kb / 3P
410mW High Voltage SMD Switching Diode
BAV19WS TSC-BAV19WS_10 Datasheet
251Kb / 3P
410mW High Voltage SMD Switching Diode
BAS316 TSC-BAS316_15 Datasheet
218Kb / 4P
200mW High Voltage SMD Switching Diode
BAV19WS TSC-BAV19WS_15 Datasheet
210Kb / 4P
200mW High Voltage SMD Switching Diode
logo
E-CMOS Corporation
ECC1N4148W E-CMOS-ECC1N4148W Datasheet
376Kb / 5P
410mW Surface Mount Switching Diode-100V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com