Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV20WS Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BAV20WS
Description  200mW High Voltage SMD Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV20WS Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BAV20WS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV20WS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAV20WS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAV20WS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIMENSIONS
Min
Max
Min
Max
A
1.15
1.35
0.045
0.053
B
2.30
2.80
0.091
0.110
C
0.25
0.40
0.010
0.016
D
1.60
1.80
0.063
0.071
E
0.80
1.10
0.031
0.043
F
0.05
0.25
0.002
0.010
SUGGESTED PAD LAYOUT
X
X1
Y
Note: 1. The suggested land pattern dimensions have been provided for refernece only, as actual pad layouts may vary depending on application.
Marking
S5
S6
S7
Document Number: DS_S1501004
Version: D15
Unit (inch)
Typ.
Typ.
BAV19WS/BAV20WS/BAV21WS
Taiwan Semiconductor
Small Signal Product
ORDER INFORMATION (EXAMPLE)
SOD-323F
0.028
2.900
0.114
0.403
0.016
DIM.
Unit (mm)
Unit (inch)
DIM.
Unit (mm)
MARKING
BAV20WS
BAV19WS
Part No.
BAV21WS
0.710
BAV19WS RRG
Green compound code
Packing code
Part no.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com