Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1054CS8 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1054CS8
Description  Switched-Capacitor Voltage Converter with Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1054CS8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1054CS8 Datasheet HTML 8Page - Linear Technology LT1054CS8 Datasheet HTML 9Page - Linear Technology LT1054CS8 Datasheet HTML 10Page - Linear Technology LT1054CS8 Datasheet HTML 11Page - Linear Technology LT1054CS8 Datasheet HTML 12Page - Linear Technology LT1054CS8 Datasheet HTML 13Page - Linear Technology LT1054CS8 Datasheet HTML 14Page - Linear Technology LT1054CS8 Datasheet HTML 15Page - Linear Technology LT1054CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1054/LT1054L
© LINEAR TECHNOLOGY CORPORATION 1987
1054ld LT/TP 1298 2K REV D • PRINTED IN USA
TYPICAL APPLICATIONS N
Negative Doubler with Regulator
2
µF
VIN
3.5V TO 15V
100
µF
R2
1M
1N4001
1N4001
LT1054 • TA14
100
µF
0.002
µF
–VOUT
VIN = 3.5V TO 15V
VOUT(MAX) ≈ –2VIN + (VL + 2VDIODE)
VL = LT1054 VOLTAGE LOSS
, REFER TO FIGURE 5
R2
R1
==
+ 1
|VOUT|
)
)
VREF
2
– 40mV
)
) +1
|VOUT|
1.21V
10
µF
+
+
10
µF
+
LT1054
FB/SHDN
CAP+
GND
CAP –
V+
OSC
VREF
VOUT
R1, 20k
0.03
µF
VIN = 5V
50k
1N5817
1N5817
LT1054 • TA13
10k
10k
10k
5.5k
2.5k
0.1
µF
5V
LT1006
100
µF
VOUT
8V
50mA
2
µF
10
µF
+
+
+
LT1054
FB/SHDN
CAP+
GND
CAP –
V+
OSC
VREF
VOUT
Positive Doubler with Regulation
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1144
Switched-Capacitor Voltage Converter
Wide Input Voltage Range, 2V to 18V
LTC1514/LTC1515
Step-Up/Step-Down Switched Capacitor DC/DC Converters
Regulated 5V Doublers
LT1611
Micropower Inverting DC/DC Converter
150mA Output
LT1614
Micropower Inverting DC/DC Converter
250mA Output
THE TYPICAL APPLICATIONS CIRCUITS WERE VERIFIED USING THE STANDARD LT1054. FOR S8 APPLICATIONS
ASSISTANCE IN ANY OF THE UNUSUAL APPLICATIONS CIRCUITS PLEASE CONSULT THE FACTORY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com