Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV101 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAV101
Description  Hermetically Sealed Glass High Voltage Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV101 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAV101 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV101 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAV101 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAV101 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Small Signal Product
CREAT BY ART
- High voltage switching device
- Ideal for automated placement
- Hermetically sealed glass
- Compression bonded construction
- All external surfaces are corrosion
resistant and leads are readily solderable
- RoHS compliant
- Polarity: Indicated by black cathode band
SYMBOL
UNIT
PD
mW
VRRM
V
IF(AV)
mA
TJ , TSTG
oC
Electrical Characteristics
SYMBOL
UNIT
VF
V
RθJA
oC/W
CJ
pF
trr
ns
Document Number: DS_S1501002
Version: B15
BAV100
VR = 50 V
IF = 100 mA
(Note)
VR = 0 , f = 1.0 MHz
IR
Thermal Resistance, Junction to Ambient
Average Rectified Forward Current
Repetitive Peak Reverse Voltage
Power Dissipation
Pulse Width = 1.0 s
Pulse Width = 1.0 μs
BAV103
IR = 100 μA
BAV102
IR = 100 μA
BAV101
IR = 100 μA
BAV100
IR = 100 μA
Breakdown Voltage
Reverse Recovery Time
-
50
Notes : Reverse recovery test conditions : IF = IR = 30 mA , Irr = 30 mA , RL = 100 Ω
IFSM
PARAMETER
Operating and Storage Temperature Range
BV
BAV103
VR = 200 V
Peak Reverse Current
Junction Capacitance
-5.0
350
-
100
nA
100
100
100
BAV102
VR = 150 V
BAV101
VR = 100 V
V
120
200
250
Forward Voltage
-1.0
MIN
MAX
60
-
Non-Repetitive Peak Forward
Surge Current
A
4.0
-65 to +200
500
250
200
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
VALUE
1.0
BAV100/101/102/103
Taiwan Semiconductor
Hermetically Sealed Glass High Voltage Switching Diodes
FEATURES
MINI MELF
MECHANICAL DATA


Similar Part No. - BAV101

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV101 PHILIPS-BAV101 Datasheet
34Kb / 8P
General purpose diodes
1996 Sep 17
logo
Vishay Siliconix
BAV101 VISHAY-BAV101 Datasheet
54Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Diodes Incorporated
BAV101 DIODES-BAV101 Datasheet
58Kb / 2P
SURFACE MOUNT SWITCHING DIODE
DS12017 Rev. J-2
logo
General Semiconductor
BAV101 GE-BAV101 Datasheet
144Kb / 4P
Small Signal Diodes
logo
Diotec Semiconductor
BAV101 DIOTEC-BAV101 Datasheet
133Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
More results

Similar Description - BAV101

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LS4448 TSC-LS4448 Datasheet
91Kb / 2P
500mW Hermetically Sealed Glass Fast Switching Diodes
BAV100 TSC-BAV100 Datasheet
94Kb / 2P
500mW Hermetically Sealed Glass High Voltage Switching Diodes
logo
SeCoS Halbleitertechnol...
LS4148 SECOS-LS4148_11 Datasheet
92Kb / 1P
Hermetically Sealed Glass Fast Switching Diodes
LS4448 SECOS-LS4448 Datasheet
93Kb / 1P
Hermetically Sealed Glass Fast Switching Diodes
LL4151 SECOS-LL4151_15 Datasheet
53Kb / 1P
Hermetically Sealed Glass Fast Switching Diodes
LS4148 SECOS-LS4148_15 Datasheet
92Kb / 1P
Hermetically Sealed Glass Fast Switching Diodes
LS4448 SECOS-LS4448_15 Datasheet
231Kb / 2P
Hermetically Sealed Glass Fast Switching Diodes
logo
Taiwan Semiconductor Co...
1SS133M TSC-1SS133M_15 Datasheet
223Kb / 4P
300mW, Hermetically Sealed Glass Switching Diodes
LL4148L TSC-LL4148L_15 Datasheet
223Kb / 5P
500mW Hermetically Sealed Glass Fast Switching Diodes
logo
SeCoS Halbleitertechnol...
LL4148 SECOS-LL4148_18 Datasheet
182Kb / 2P
Hermetically Sealed Glass Fast Switching Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com