Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV103 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BAV103
Description  Hermetically Sealed Glass High Voltage Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV103 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BAV103 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV103 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAV103 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAV103 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Small Signal Product
CREAT BY ART
(TA=25°C unless otherwise noted)
Document Number: DS_S1501002
Version: B15
BAV100/101/102/103
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES
0.1
1
10
100
1000
0
0.4
0.8
1.2
1.6
2
VF - Forward Voltage (V)
Fig. 2 Forward Current VS. Forward Voltage
Scattering Limit
0.01
0.1
1
10
100
1000
0
40
80
120
160
200
Tj - Junction Temperature (oC)
Fig. 1 Reverse Current VS. Junction Temperature
VR = VRRM
1
10
100
1000
0.1
1
10
100
IF - Forward Current (mA)
Tj=25oC
Scattering Limit
Fig. 3 Differential Forward Resistance VS. Forward Current



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com