Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAW56 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BAW56
Description  225mW SMD Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAW56 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BAW56 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAW56 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAW56 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAW56 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(TA=25
℃ unless otherwise noted)
Document Number: DS_S1404011
Small Signal Product
BAW56, BAV70, BAV99
Taiwan Semiconductor
Version: H14
RATINGS AND CHARACTERISTICS CURVES
0.01
0.1
1
10
100
1000
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
Instantaneous Forward Voltage(V)
Fig. 1 Typucal Forward Characteristics
1
10
100
1000
10000
0
20
40
60
80 100 120 140 160 180 200
Junction Temperature (oC)
Fig. 2 Leakage Current VS. Junction Temperature
V
R=20V
Typical
0
50
100
150
200
250
0
25
50
75
100
125
150
Ambient Temperature (oC)
Fig. 3 Power Dissipation Derating Curve



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com