Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLLFSD01LP3 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DLLFSD01LP3
Description  ULTRA LOW LEAKAGE SURFACE MOUNT FAST SWITCHING DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DLLFSD01LP3 Datasheet(HTML) 3 Page - Diodes Incorporated

  DLLFSD01LP3_15 Datasheet HTML 1Page - Diodes Incorporated DLLFSD01LP3_15 Datasheet HTML 2Page - Diodes Incorporated DLLFSD01LP3_15 Datasheet HTML 3Page - Diodes Incorporated DLLFSD01LP3_15 Datasheet HTML 4Page - Diodes Incorporated DLLFSD01LP3_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DLLFSD01LP3
Document number: DS36669 Rev. 6 - 2
3 of 5
www.diodes.com
May 2015
© Diodes Incorporated
DLLFSD01LP3
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Figure 3 Typical Reverse Characteristics
0.0001
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = -55°C
A
0.01
0.1
1
10
100
1000
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Figure 4 Typical Reverse Characteristics
T = -40°C
A
T = 25°C
A
T = 85°C
A
0.3
0.4
0.5
0
5
10
15
20
25
30
35
40
V , DC REVERSE VOLTAGE (V)
R
Figure 5 Total Capacitance vs. Reverse Voltage
f = 1MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com