Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1078AM Datasheet(PDF) 6 Page - Linear Technology

Part # LT1078AM
Description  Micropower, Dual and Quad, Single Supply, Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1078AM Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1078AM Datasheet HTML 2Page - Linear Technology LT1078AM Datasheet HTML 3Page - Linear Technology LT1078AM Datasheet HTML 4Page - Linear Technology LT1078AM Datasheet HTML 5Page - Linear Technology LT1078AM Datasheet HTML 6Page - Linear Technology LT1078AM Datasheet HTML 7Page - Linear Technology LT1078AM Datasheet HTML 8Page - Linear Technology LT1078AM Datasheet HTML 9Page - Linear Technology LT1078AM Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LT1078/LT1079
ELECTRICAL CHARACTERISTICS VS = ±15V, 0°C ≤ TA ≤ 70°C, unless otherwise noted.
LT1078C/LT1079C
LT1078AC/LT1079AC
LT1078S8/LT1079SW
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
q
70
330
90
460
µV
LT1078S8
q
100
540
µV
LT1079SW
q
115
750
µV
∆VOS
Input Offset Voltage Drift
q
0.5
1.8
0.6
2.5
µV/°C
∆T
(Note 5)
LT1078S8
q
0.7
3.8
µV/°C
LT1079SW
q
0.8
5.0
µV/°C
IOS
Input Offset Current
q
0.06
0.35
0.06
0.50
nA
IB
Input Bias Current
q
69
6
11
nA
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 5k
q
300
1200
250
1200
V/mV
CMRR
Common Mode Rejection Ratio
VCM = 13V, –15V
q
97
112
94
112
dB
PSRR
Power Supply Rejection Ratio
VS = 5V, 0V to ±18V
q
100
112
97
112
dB
Maximum Output Voltage Swing
RL = 5k
q
±11.0
±13.6
±11.0
±13.6
V
IS
Supply Current per Amplifier
q
49
73
50
85
µA
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Typical parameters are defined as the 60% yield of parameter
distributions of individual amplifiers, i.e., out of 100 LT1079s (or 100
LT1078s) typically 240 op amps (or 120) will be better than the indicated
specification.
Note 2: This parameter is tested on a sample basis only. All noise
parameters are tested with VS = ±2.5V, VO = 0V.
Note 3: This parameter is guaranteed by design and is not tested.
Note 4: Power supply rejection ratio is measured at the minimum supply
voltage. The op amps actually work at 1.8V supply but with a typical offset
skew of –300
µV.
Note 5: This parameter is not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com