Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1079AM Datasheet(PDF) 9 Page - Linear Technology

Part # LT1079AM
Description  Micropower, Dual and Quad, Single Supply, Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1079AM Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1079AM Datasheet HTML 5Page - Linear Technology LT1079AM Datasheet HTML 6Page - Linear Technology LT1079AM Datasheet HTML 7Page - Linear Technology LT1079AM Datasheet HTML 8Page - Linear Technology LT1079AM Datasheet HTML 9Page - Linear Technology LT1079AM Datasheet HTML 10Page - Linear Technology LT1079AM Datasheet HTML 11Page - Linear Technology LT1079AM Datasheet HTML 12Page - Linear Technology LT1079AM Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LT1078/LT1079
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (
°C)
–50 –25
0
25
50
75
LT1078/79 • TPC22
125
V+
V+ – 1
V+ – 2
V– + 1
V–
V– – 1
100
V+ = 2.5V TO 18V
V– = 0V TO –18V
Output Saturation vs Temperature
vs Sink Current
TEMPERATURE (
°C)
–50
1000
100
10
1
–25
125
LT1078/79 • TPC19
0
25
50
100
75
ISINK = 2mA
ISINK = 1mA
ISINK = 100µA
ISINK = 1µA
NO LOAD
RL = 5k TO GND
ISINK = 10µA
VS = 5V, 0V
Common Mode Range
vs Temperature
Closed Loop Output Impedance
FREQUENCY (Hz)
1k
100
10
1
0.1
LT1078/79 • TPC24
10
100
1k
10k
100k
AV = 100
AV = 10
AV = 1
Output Voltage Swing
vs Load Current
SOURCING OR SINKING LOAD CURRENT (mA)
0.01
V+
V+ – 1
V+ – 2
V– + 2
V– + 1
V–
10
LT1078/79 • TPC20
0.1
1
125
°C
25
°C
–55
°C
125
°C
–55
°C
25
°C
Undistorted Output Swing
vs Frequency
FREQUENCY (kHz)
0.01
30
20
10
0
5
4
3
2
1
0
100
LT1078/79 • TPC23
110
VS = 5V, 0V
RL ≥ 100k
VS = ±15V
RL ≥ 100k
VS = ±15V
RL = 30k
VS = 5V, 0V
RL ≥ 1k
TA = 25°C
LOAD RL,
TO GND
Distribution of Input Offset Voltage
(LT1078 in 8-Pin SO Package)
Channel Separation vs Frequency
Power Supply Rejection Ratio
vs Frequency
Common Mode Rejection Ratio
vs Frequency
FREQUENCY (Hz)
10
100
1k
10k
100k
LT1078/79 • TPC25
1M
TA = 25°C
120
100
80
60
40
20
0
VS = ±15V
VS = 5V, 0V
FREQUENCY (Hz)
0.1
120
100
80
60
40
20
0
100
10k
LT1078/79 • TPC26
110
1k
100k
1M
TA = 25°C
VS = ±2.5V + 1VP-P SINE WAVE
POSITIVE
SUPPLY
NEGATIVE
SUPPLY
FREQUENCY (Hz)
1
1k
100k
LT1078/79 • TPC27
10
100
10k
1M
140
120
100
80
60
40
20
0
TA = 25°C
VS = ±2.5V
VIN = 3VP-P TO 2kHz
RL = 10k
INPUT OFFSET VOLTAGE (
µV)
–160
160
LT1078/79 • TPC21
–80
0
80
16
14
12
10
8
6
4
2
0
–120
–40
40
120
TA = 25°C
VS = 5V, 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com