Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1086 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1086
Description  1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1086 Datasheet(HTML) 2 Page - Linear Technology

  LT1086 Datasheet HTML 1Page - Linear Technology LT1086 Datasheet HTML 2Page - Linear Technology LT1086 Datasheet HTML 3Page - Linear Technology LT1086 Datasheet HTML 4Page - Linear Technology LT1086 Datasheet HTML 5Page - Linear Technology LT1086 Datasheet HTML 6Page - Linear Technology LT1086 Datasheet HTML 7Page - Linear Technology LT1086 Datasheet HTML 8Page - Linear Technology LT1086 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1086 Series
PRECONDITIONING
Power Dissipation ............................... Internally Limited
Input Voltage (Note 1) ............................................. 30V
Operating Input Voltage
Adjustable Devices ........................................... 25V
2.85V Devices .................................................. 18V
3.3V, 3.6V, and 5V Devices ............................... 20V
12V Devices ...................................................... 25V
Operating Junction Temperature Range
“C” Grades
Control Section ............................... 0
°C to 125°C
Power Transistor ............................. 0
°C to 150°C
“I” Grades
Control Section .......................... – 40
°C to 125°C
Power Transistor ........................ – 40
°C to 150°C
“M” Grades
Control Section .......................... – 55
°C to 150°C
Power Transistor ........................ – 55
°C to 200°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300
°C
ABSOLUTE MAXIMUM RATINGS
100% Thermal Shutdown Functional Test.
Note 1: Although the device’s maximum operating voltage is limited, (18V
for a 2.85V device, 20V for a 5V device, and 25V for adjustable and
12V devices) the devices are guaranteed to withstand transient input
voltages up to 30V. For input voltages greater than the maximum operating
input voltage some degradation of specifications will occur. For fixed
voltage devices operating at input/output voltage differentials greater than
15V, a minimum external load of 5mA is required to maintain regulation.
PACKAGE/ORDER INFORMATION
LT1086CM
LT1086CM-3.3
LT1086CM-3.6
LT1086IM
LT1086IM-3.3
LT1086IM-3.6
ORDER
PART NUMBER
ORDER
PART NUMBER
LT1086CH
LT1086MH
ORDER
PART NUMBER
ORDER
PART NUMBER
LT1086CK
LT1086CK-5
LT1086CK-12
LT1086IK
LT1086IK-5
LT1086IK-12
LT1086MK
LT1086MK-5
LT1086MK-12
θJA = 150°C/W
2
1
VIN
CASE
IS OUTPUT
ADJ (GND)*
K PACKAGE
2-LEAD TO-3 METAL CAN
BOTTOM VIEW
θJA = 35°C/W
** WITH PACKAGE SOLDERED TO 0.5IN2 COPPER AREA
OVER BACKSIDE GROUND PLANE OR INTERNAL POWER
PLANE.
θJA CAN VARY FROM 20°C/W TO >40°C/W
DEPENDING ON MOUNTING TECHNIQUE.
VIN
VOUT
ADJ
(GND)*
M PACKAGE
3-LEAD PLASTIC DD
FRONT VIEW
TAB IS
OUTPUT
3
2
1
T PACKAGE
3-LEAD PLASTIC TO-220
FRONT VIEW
TAB IS
OUTPUT
3
2
1
VIN
VOUT
ADJ
(GND)*
θJA = 50°C/W
LT1086CT
LT1086CT-2.85
LT1086CT-3.3
LT1086IT
LT1086IT-5
LT1086IT-12
LT1086CT-3.6
LT1086CT-5
LT1086CT-12
θJA = 30°C/W**
*For fixed versions.
BOTTOM VIEW
VIN
VOUT
(CASE)
ADJ
13
2
H PACKAGE
3-LEAD TO-39 METAL CAN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com