Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1097 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1097
Description  Low Cost, Low Power Precision Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1097 Datasheet(HTML) 2 Page - Linear Technology

  LT1097 Datasheet HTML 1Page - Linear Technology LT1097 Datasheet HTML 2Page - Linear Technology LT1097 Datasheet HTML 3Page - Linear Technology LT1097 Datasheet HTML 4Page - Linear Technology LT1097 Datasheet HTML 5Page - Linear Technology LT1097 Datasheet HTML 6Page - Linear Technology LT1097 Datasheet HTML 7Page - Linear Technology LT1097 Datasheet HTML 8Page - Linear Technology LT1097 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1097
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
ORDER
PART NUMBER
LT1097CN8
Supply Voltage ......................................................
±20V
Differential Input Current (Note 1) ......................
±10mA
Input Voltage .........................................................
±20V
Output Short Circuit Duration .......................... Indefinite
1
2
3
4
8
7
6
5
TOP VIEW
VOS TRIM
–IN
+IN
V–
VOS TRIM
V+
OUT
OVER COMP
N8 PACKAGE
8-LEAD PLASTIC DIP
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
VOS TRIM
–IN
+IN
V–
VOS TRIM
V+
OUT
OVER COMP
ORDER
PART NUMBER
LT1097S8
ELECTRICAL CHARACTERISTICS VS = ±15V, VCM = 0V, TA = 25°C, unless otherwise noted.
LT1097CN8
LT1097S8
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
10
50
10
60
µV
∆VOS
Long Term Input Offset
0.3
0.3
µV/Mo
∆TIME
Voltage Stability
IOS
Input Offset Current
40
250
60
350
pA
IB
Input Bias Current
±40
±250
±50
±350
pA
en
Input Noise Voltage
0.1Hz to 10Hz
0.5
0.5
µVp-p
Input Noise Voltage Density
fO = 10Hz
16
16
nV/
√Hz
fO = 1000Hz
14
14
nV/
√Hz
in
Input Noise Current
0.1Hz to 10Hz
2.2
2.4
pAp-p
Input Noise Current Density
fO = 10Hz
0.03
0.035
pA/
√Hz
fO = 1000Hz
0.008
0.008
pA/
√Hz
Input Resistance
(Note 2)
Differential Mode
30
80
25
70
M
Ω
Common Mode
1012
8•1011
Ω
Input Voltage Range
±13.5
±14.3
±13.5
±14.3
V
CMRR
Common Mode Rejection Ratio
VCM = ±13.5V
115
130
115
130
dB
PSRR
Power Supply Rejection Ratio
VS = ±1.2V to ±20V
114
130
114
130
dB
AVOL
Large Signal Voltage Gain
VO = ±12V, RL = 10k
700
2500
700
2500
V/mV
VO = ±10V, RL = 2k
250
1000
250
1000
V/mV
VOUT
Output Voltage Swing
RL = 10k
±13
±13.8
±13
±13.8
V
RL = 2k
±11.5
±13
±11.5
±13
V
SR
Slew Rate
0.1
0.2
0.1
0.2
V/
µs
GBW
Gain Bandwidth Product
700
700
kHz
IS
Supply Current
350
560
350
560
µA
Offset Adjustment Range
RPOT = 10k, Wiper to V+
±600
±600
µV
Minimum Supply Voltage
(Note 3)
±1.2
—
±1.2
—
V
Operating Temperature Range .................–40
°C to 85°C
Storage Temperature Range ..................–65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com