Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1B Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # ES1B
Description  Surface Mount Super Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ES1B Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  ES1B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ES1B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ES1B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ES1B Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
ES1J
ES1J
ES1J
(TA=25℃ unless otherwise noted)
Document Number: DS_D1405052
Version:J14
ES1A thru ES1J
Taiwan Semiconductor
ORDERING INFORMATION
AEC-Q101
QUALIFIED
PACKING
CODE
GREEN COMPOUND
CODE
PACKAGE
PACKING
ES1x
(Note 1)
Prefix "H"
R3
Suffix "G"
SMA
1,800 / 7" Plastic reel
R2
SMA
7,500 / 13" Paper reel
M2
SMA
7,500 / 13" Plastic reel
F3
Folded SMA
1,800 / 7" Plastic reel
F2
Folded SMA
7,500 / 13" Paper reel
F4
Folded SMA
7,500 / 13" Plastic reel
N/A
E3
Clip SMA
1,800 / 7" Plastic reel
E2
Clip SMA
7,500 / 13" Plastic reel
Note 1: "x" defines voltage from 50V (ES1A) to 600V (ES1J)
EXAMPLE
PREFERRED P/N
AEC-Q101
QUALIFIED
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
ES1J R3
R3
ES1J R3G
R3
G
Green compound
ES1JHR3
H
R3
AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
0
0.2
0.4
0.6
0.8
1
1.2
80
90
100
110
120
130
140
150
LEAD TEMPERATURE (oC)
FIG.1 MAXIMUM FORWARD CURRENT
DERATING CURVE
RESISTER OR
INDUCTIVE LOAD
0
5
10
15
20
25
30
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD PEAK
SURGE CURRENT
8.3mS Single Half Sine Wave
(JEDEC Method)
0.01
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=125℃
TJ=75℃
0.1
1
10
100
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
FORWARD VOLTAGE (V)
FIG. 2 TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
ES1H-1J
Pulse Width=300μs
1% Duty Cycle
ES1F-1G
ES1A-D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com