Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3C Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # ES3C
Description  Surface Mount Super Fast Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ES3C Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  ES3C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ES3C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ES3C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ES3C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd ES3C Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Min
Max
Min
Max
A
2.90
3.20
0.114
0.126
B
6.60
7.11
0.260
0.280
C
5.59
6.22
0.220
0.245
D
2.00
2.62
0.079
0.103
E
1.00
1.60
0.039
0.063
F
7.75
8.13
0.305
0.320
G
0.10
0.20
0.004
0.008
H
0.15
0.31
0.006
0.012
Document Number: DS_D1405069
Version: I14
ES3A thru ES3J
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
0
15
30
45
60
75
90
105
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
ES3A-3D
ES3F-3J
f=1.0MHz
Vsig=50mVp-p
0.1
1
10
100
0.01
0.1
1
10
100
HEATING TIME (s)
FIG. 6 TYPICAL TRANSIENT THERMAL IMPEDANCE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com