Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2F Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # ES2F
Description  Surface Mount Super Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ES2F Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  ES2F Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ES2F Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ES2F Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ES2F Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
ES2J
ES2J
ES2J
(TA=25℃ unless otherwise noted)
Document Number: DS_D1405037
Version: H14
ES2A thru ES2J
ORDERING INFORMATION
AEC-Q101
QUALIFIED
PACKING CODE GREEN COMPOUND
CODE
PACKAGE
PACKING
Taiwan Semiconductor
Prefix "H"
R5
Suffix "G"
SMB
850 / 7" Plastic reel
R4
SMB
3,000 / 13" Paper reel
M4
SMB
3,000 / 13" Plastic reel
Note 1: "xx" defines voltage from 50V (ES2A) to 600V (ES2J)
EXAMPLE
PREFERRED P/N
AEC-Q101
QUALIFIED
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
ES2x
(Note 1)
ES2J R5
R5
ES2J R5G
R5
G
Green compound
ES2JHR5
H
R5
AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
0
1
2
3
80
90
100
110
120
130
140
150
LEAD TEMPERATURE (oC)
FIG.1- MAXIMUM FORWARD CURRENT
DERATING CURVE
RESISTER OR
INDUCTIVE LOAD
0
10
20
30
40
50
60
110
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
0.01
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2- TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=125℃
TJ=75℃
0.1
1
10
100
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
FORWARD VOLTAGE (V)
FIG. 4- TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
ES2H-2J
Pulse Width=300μs
1% Duty Cycle
ES2F-2G
ES2A-2D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com