Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3F Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # ES3F
Description  Surface Mount Super Fast Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ES3F Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  ES3F Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ES3F Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ES3F Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ES3F Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd ES3F Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PART NO.
PART NO.
ES3J
ES3J
ES3J
RATINGS AND CHARACTERISTICS CURVES
(TA=25℃ unless otherwise noted)
Document Number: DS_D1405069
Version: I14
PACKING CODE
PACKAGE
PACKING
R7
AEC-Q101
QUALIFIED
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
SMC
850 / 7" Plastic reel
Note 1: "xx" defines voltage from 50V (ES3A) to 600V (ES3J)
ES3x
(Note 1)
R7
ES3A thru ES3J
Taiwan Semiconductor
ORDERING INFORMATION
AEC-Q101
QUALIFIED
GREEN COMPOUND
CODE
PREFERRED P/N
Green compound
Prefix "H"
Suffix "G"
R6
SMC
3,000 / 13" Paper reel
M6
SMC
3,000 / 13" Plastic reel
ES3J R7
ES3JHR7
H
R7
AEC-Q101 qualified
EXAMPLE
ES3J R7G
R7
G
0
0.5
1
1.5
2
2.5
3
3.5
0
255075
100
125
150
LEAD TEMPERATURE (oC)
FIG.1 MAXIMUM FORWARD CURRENT
DERATING CURVE
0
10
20
30
40
50
60
70
80
90
100
110
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Half Sin Wave
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=125℃
TJ=75℃
0.1
1
10
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
FORWARD VOLTAGE (V)
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
ES3H-3J
ES3F-3G
ES3A-3D



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com