Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR207G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # FR207G
Description  2.0AMPS Glass Passivated Fast Recovery Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

FR207G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  FR207G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd FR207G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd FR207G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd FR207G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
Glass passivated chip junction
High efficiency, Low VF
High current capability
High reliability
High surge current capability
Low power loss
FR201G
DO-15
1.5K / AMMO box
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Symbol
FR
201G
FR
202G
FR
203G
FR
204G
FR
205G
FR
206G
FR
207G
Units
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
uA
uA
Trr
250
nS
Cj
pF
RθJA
OC/W
TJ
OC
TSTG
OC
Version:E13
FR201G - FR207G
2.0AMPS Glass Passivated Fast Recovery Rectifiers
DO-15
Features
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Pure tin plated, lead free, solderable per
MIL-STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode end
High temperature soldering guaranteed: 260℃/10s
Mounting position: Any
Weight: 0.40 grams
Parameter
Maximum Recurrnet Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
2
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
IFSM
55
A
Maximum Instantaneous Forward Voltage (Note 1)
@ 2 A
VF
1.3
V
- 55 to + 150
Maximum DC Reverse Current at
@ TA=25 ℃
Rated DC Blocking Voltage
@ TA=125 ℃
IR
5
100
Maximum Reverse Recovery Time (Note 2)
150
500
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Ordering Information (example)
Part No.
Package
Packing
INNER
TAPE
Typical Junction Capacitance (Note 3)
20
Packing code
Packing code
(Green)
52mm
A0
A0G
Storage Temperature Range
- 55 to + 150
Typical Thermal Resistance
60
Operating Temperature Range


Similar Part No. - FR207G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR207G RECTRON-FR207G Datasheet
24Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
FR207G JGD-FR207G Datasheet
138Kb / 2P
2.0 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Bytes
FR207G BYTES-FR207G Datasheet
153Kb / 2P
2.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Shanghai Lunsure Electr...
FR207G CHENYI-FR207G Datasheet
125Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Dc Components
FR207G DCCOM-FR207G Datasheet
440Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results

Similar Description - FR207G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF21G TSC-SF21G_11 Datasheet
190Kb / 2P
2.0AMPS. Glass Passivated Super Fast Rectifiers
logo
Microdiode Semiconducto...
FR602G CHENDA-FR602G Datasheet
74Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
FR605G CHENDA-FR605G Datasheet
74Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
First Components Intern...
HERS201G FCI-HERS201G Datasheet
531Kb / 2P
2.0Amps Surface Mount Glass Passivated Ultra Fast Rectifiers
logo
Chongqing Pingwei Enter...
BY296 CHONGQING-BY296_16 Datasheet
178Kb / 1P
2.0AMPS . FAST RECOVERY RECTIFIERS
FR201 CHONGQING-FR201_16 Datasheet
178Kb / 1P
2.0AMPS . FAST RECOVERY RECTIFIERS
FR201G CHONGQING-FR201G_16 Datasheet
178Kb / 1P
2.0AMPS . GLASS PASSIVATED FAST RECOVERY RECTIFIERS
UF201G CHONGQING-UF201G Datasheet
193Kb / 1P
2.0AMPS. GLASS PASSIVATED ULTRA FAST RECTIFIERS
RL201G CHONGQING-RL201G_16 Datasheet
178Kb / 1P
2.0AMPS .GLASS PASSIVATED RECTIFIERS
logo
Microdiode Semiconducto...
1N4933G CHENDA-1N4933G_V01 Datasheet
643Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com