Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER201 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HER201
Description  2.0AMPS High Efficient Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HER201 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HER201_13 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HER201_13 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HER201_13 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd HER201_13 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
High efficiency, Low VF
High current capability
High reliability
High surge current capability
HER201
DO-15
1.5K / AMMO box
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Symbol
HER
201
HER
202
HER
203
HER
204
HER
205
HER
206
HER
207
Unit
VRRM
50
100
200
300
400
600
800
V
VRMS
35
70
140
210
280
420
560
V
VDC
50
100
200
300
400
600
800
V
IF(AV)
A
Trr
nS
Cj
pF
TJ
OC
TSTG
OC
Version:G13
HER201 - HER207
2.0AMPS High Efficient Rectifiers
DO-15
Features
For use in low voltage, high frequency inverter,
free wheeling, and polarity protection application
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Mechanical Data
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Pure tin plated, lead free, solderable per
MIL-STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode
Solder dip 260℃ max.10s per JESD 22-B106
Weight: 0.40 grams
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
2
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
IFSM
60
A
A0
A0G
Maximum Instantaneous Forward Voltage (Note 1)
@ 2 A
VF
1.0
1.3
1.7
V
Maximum Reverse Current @ Rated VR TA=25 ℃
TA=125 ℃
IR
5
uA
150
Maximum Reverse Recovery Time (Note 2)
50
75
Typical Junction Capacitance (Note 3)
50
35
Typical Thermal Resistance
RθjA
RθjC
60
8
OC/W
Operating Temperature Range
- 55 to + 150
Storage Temperature Range
- 55 to + 150
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Ordering Information (example)
Part No.
Package
Packing
INNER
TAPE
Packing code
Packing code
(Green)
52mm


Similar Part No. - HER201_13

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
HER201 MCC-HER201_13 Datasheet
265Kb / 3P
2.0 Amp High Efficient Rectifiers 50 to 1000 Volts
More results

Similar Description - HER201_13

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER201 TSC-HER201_11 Datasheet
190Kb / 2P
2.0AMPS High Efficient Rectifiers
HS2A TSC-HS2A_11 Datasheet
198Kb / 2P
2.0AMPS High Efficient Surface Mount Rectifiers
SF21 TSC-SF21_13 Datasheet
426Kb / 4P
2.0AMPS. Super Fast Rectifiers High reliability
SR202 TSC-SR202_13 Datasheet
258Kb / 4P
2.0AMPS. Schottky Barrier Rectifiers High reliability
logo
Chongqing Pingwei Enter...
SS24L CHONGQING-SS24L Datasheet
177Kb / 1P
2.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SS22 CHONGQING-SS22 Datasheet
179Kb / 1P
2.0AMPS. SCHOTTKY BARRIER RECTIFIERS
HS2A CHONGQING-HS2A Datasheet
178Kb / 1P
2.0AMPS. HIGH EFFICIENCY PLASTIC RECTIFIERS
BY296 CHONGQING-BY296_16 Datasheet
178Kb / 1P
2.0AMPS . FAST RECOVERY RECTIFIERS
FR201 CHONGQING-FR201_16 Datasheet
178Kb / 1P
2.0AMPS . FAST RECOVERY RECTIFIERS
RL201 CHONGQING-RL201_16 Datasheet
177Kb / 1P
2.0AMPS . SILICON RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com