Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER201GA0 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HER201GA0
Description  Glass Passivated High Efficient Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HER201GA0 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HER201GA0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HER201GA0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HER201GA0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd HER201GA0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Glass passivated chip junction
- High efficiency, Low VF
- High current capability
- High surge current capability
- Low power loss
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - green compound (halogen-free)
Base P/N with prefix "H" on packing code - AEC-Q101 qualified
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
with prefix "H" on packing code meet JESD 201 class 2 whisker test
VRRM
50
100
200
300
400
600
800
1000
V
VRMS
35
70
140
210
280
420
560
700
V
VDC
50
100
200
300
400
600
800
1000
V
IF(AV)
A
Trr
ns
Cj
pF
RθJA
OC/W
TJ
OC
TSTG
OC
Document Number: DS_D1405016
Version: F14
1.3
1.7
Maximum reverse recovery time (Note 2)
Typical thermal resistance
60
Operating junction temperature range
- 55 to +150
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Storage temperature range
- 55 to +150
Note 1: Pulse test with PW=300 μs, 1% duty cycle
Maximum reverse current @ rated VR TJ=25 ℃
TJ=125 ℃
IR
5
μA
150
Typical junction capacitance (Note 3)
35
20
50
75
Maximum instantaneous forward voltage (Note 1)
@ 2 A
VF
V
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
2
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
1.0
60
HER
204G
HER
205G
HER
206G
HER
208G
UNIT
HER
203G
A
HER
207G
Maximum repetitive peak reverse voltage
MECHANICAL DATA
Case:
DO-204AC (DO-15)
DO-204AC (DO-15)
Weight:
0.4g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
SYMBOL
HER
201G
HER
202G
HER201G thru HER208G
Glass Passivated High Efficient Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC


Similar Part No. - HER201GA0

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
HER201GA-G COMCHIP-HER201GA-G Datasheet
88Kb / 4P
High Efficiency Rectifiers
More results

Similar Description - HER201GA0

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
1H1G GOOD-ARK-1H1G Datasheet
186Kb / 2P
Glass Passivated High Efficient Rectifiers
HER2001G GOOD-ARK-HER2001G Datasheet
148Kb / 2P
Glass Passivated High Efficient Rectifiers
HER3001G GOOD-ARK-HER3001G Datasheet
155Kb / 2P
Glass Passivated High Efficient Rectifiers
HER151G GOOD-ARK-HER151G Datasheet
182Kb / 2P
Glass Passivated High Efficient Rectifiers
HER601G GOOD-ARK-HER601G Datasheet
195Kb / 2P
Glass Passivated High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER101G TSC-HER101G_14 Datasheet
362Kb / 4P
Glass Passivated High Efficient Rectifiers
HER301G TSC-HER301G_14 Datasheet
379Kb / 4P
Glass Passivated High Efficient Rectifiers
HER601G TSC-HER601G_14 Datasheet
378Kb / 4P
Glass Passivated High Efficient Rectifiers
UF1A TSC-UF1A_14 Datasheet
381Kb / 4P
Glass Passivated High Efficient Rectifiers
UF4001 TSC-UF4001_14 Datasheet
378Kb / 4P
Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com