Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1081CSW Datasheet(PDF) 5 Page - Linear Technology

Part # LT1081CSW
Description  Advanced Low Power 5V RS232 Dual Driver/Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1081CSW Datasheet(HTML) 5 Page - Linear Technology

  LT1081CSW Datasheet HTML 1Page - Linear Technology LT1081CSW Datasheet HTML 2Page - Linear Technology LT1081CSW Datasheet HTML 3Page - Linear Technology LT1081CSW Datasheet HTML 4Page - Linear Technology LT1081CSW Datasheet HTML 5Page - Linear Technology LT1081CSW Datasheet HTML 6Page - Linear Technology LT1081CSW Datasheet HTML 7Page - Linear Technology LT1081CSW Datasheet HTML 8Page - Linear Technology LT1081CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1080/LT1081
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–55
–25
0
25
50
75
100
125
1080/81 G04
3.00
2.75
2.50
2.25
2.00
1.75
1.50
1.25
1.00
0.75
0.50
INPUT HIGH
INPUT LOW
INPUT VOLTAGE (V)
012345
1080/81 G06
40
35
30
25
20
15
10
5
0
–5
–10
Receiver Input Thresholds
Receiver Output
Short-Circuit Current
ON/OFF Pin Current vs Voltage
TEMPERATURE (
°C)
100
10
1
0.1
1080/81 G05
OUTPUT SOURCING
OUTPUT SINKING
–55
–25
0
25
50
75
100
125
ON/OFF Pin Thresholds
Supply Current in Shutdown
Driver Output Leakage in
Shutdown
TEMPERATURE (
°C)
–55
–25
0
25
50
75
100
125
1080/81 G07
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
MAXIMUM OFF VOLTAGE
MINIMUM ON VOLTAGE
TEMPERATURE (
°C)
1000
100
10
1
1080/81 G08
VCC = 5V
–55
–25
0
25
50
75
100
125
TEMPERATURE (
°C)
100
10
1
0.1
1080/81 G09
VOUT = –30V
VOUT = 30V
–55
–25
0
25
50
75
100
125
Output Waveforms
Shutdown to Receiver Output
02
µs4µs6µs8µs
0
1ms
2ms
3ms
4ms
0
1ms
2ms
3ms
4ms
VCC = 5V
1080/81 G11.tiff
VCC = 5V
1080/81 G11.tiff
RL = 3k
VCC = 5V
1080/81 G10.tiff
RL = 3k
5V
0V
RECEIVER
OUTPUT
LOW
0V
–5V
–10
ON/OFF
INPUT
10V
5V
0V
DRIVER
OUTPUT
HIGH
INPUT
5V
0V
DRIVER
OUTPUT
5V
0V
–5V
RECEIVER
OUTPUT
5V
0V
Shutdown to Driver Output
6V
4V
2V
0V
RECEIVER
OUTPUT
ON/OFF
INPUT
5V
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com