Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1111 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1111
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1111 Datasheet(HTML) 3 Page - Linear Technology

  LT1111 Datasheet HTML 1Page - Linear Technology LT1111 Datasheet HTML 2Page - Linear Technology LT1111 Datasheet HTML 3Page - Linear Technology LT1111 Datasheet HTML 4Page - Linear Technology LT1111 Datasheet HTML 5Page - Linear Technology LT1111 Datasheet HTML 6Page - Linear Technology LT1111 Datasheet HTML 7Page - Linear Technology LT1111 Datasheet HTML 8Page - Linear Technology LT1111 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1111
ELECTRICAL C
C
HARA TERISTICS V
IN = 3V, Military or Commercial Version
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference Line Regulation
5V
≤ VIN ≤ 30V
q
0.02
0.075
%/V
2V
≤ VIN ≤ 5V
0.20
0.400
%/V
AV
Gain Block Gain
RL = 100k (Note 3)
q
1000
6000
V/V
ILIM
Current Limit
220
Ω from ILIM to VIN
400
mA
Current Limit Temperature Coefficient
q
– 0.3
%/
°C
Switch OFF Leakage Current
Measured at SW1 Pin, VSW1 = 12V
1
10
µA
Maximum Excursion Below GND
ISW1≤ 10µA, Switch OFF
– 400
– 350
mV
LT1111M
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IQ
Quiescent Current
Switch OFF
q
300
500
µA
fOSC
Oscillator Frequency
q
45
72
100
kHz
DC
Duty Cycle: Step-Up Mode
Full Load
q
40
50
62
%
Step-Down Mode
q
20
55
%
tON
Switch ON Time: Step-Up Mode
ILIM Tied to VIN
q
57
11
µs
Step-Down Mode
VOUT = 5V, VIN = 12V
q
39
µs
Reference Line Regulation
2V
≤ VIN ≤ 5V, 25°C ≤ TA ≤ 125°C
0.2
0.4
%/V
2.4V
≤ VIN ≤ 5V, TA = –55°C
0.8
%/V
VSAT
SW Saturation Voltage, Step-Up Mode
0
°C ≤ TA ≤ 125°C, ISW = 500mA,
0.5
0.65
V
TA = – 55°C, ISW = 400mA
SW Saturation Voltage, Step-Down Mode
VIN = 12V,
0
°C ≤ TA ≤ 125°C
1.5
V
ISW = 500mA
TA = – 55°C
2.0
V
VIN = 3V, – 55°C ≤ TA ≤ 125°C unless otherwise noted.
LT1111C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IQ
Quiescent Current
Switch OFF
q
300
450
µA
fOSC
Oscillator Frequency
q
54
72
95
kH
DC
Duty Cycle: Step-Up Mode
Full Load
q
43
50
59
%
Step-Down Mode
q
24
34
50
%
tON
Switch ON Time: Step-Up Mode
ILIM Tied to VIN
q
5.0
7
9.0
µs
Step-Down Mode
VOUT = 5V, VIN = 12V
q
3.3
5
7.8
µs
Reference Line Regulation
2V
≤ VIN ≤ 5V
q
0.2
0.7
%/V
VSAT
SW Saturation Voltage, Step-Up Mode
VIN = 3V, ISW = 650mA
q
0.5
0.65
V
SW Saturation Voltage, Step-Down Mode
VIN = 12V, ISW = 650mA
q
1.1
1.50
V
VIN = 3V, 0°C ≤ TA ≤ 70°C unless otherwise noted.
The q denotes specifications which apply over the full operating
temperature range.
Note 1: This specification guarantees that both the high and low trip points
of the comparator fall within the 1.20V to 1.30V range.
Note 2: The output voltage waveform will exhibit a sawtooth shape due to
the comparator hysteresis. The output voltage on the fixed output versions
will always be within the specified range.
Note 3: 100k resistor connected between a 5V source and the A0 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com