Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1113C Datasheet(PDF) 10 Page - Linear Technology

Part # LT1113C
Description  Dual Low Noise, Precision, JFET Input Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1113C Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1113C Datasheet HTML 6Page - Linear Technology LT1113C Datasheet HTML 7Page - Linear Technology LT1113C Datasheet HTML 8Page - Linear Technology LT1113C Datasheet HTML 9Page - Linear Technology LT1113C Datasheet HTML 10Page - Linear Technology LT1113C Datasheet HTML 11Page - Linear Technology LT1113C Datasheet HTML 12Page - Linear Technology LT1113C Datasheet HTML 13Page - Linear Technology LT1113C Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1113
S
APPLICATI
I FOR ATIO
The gain therefore is 1 + CF/CS. For unity gain, CF should
equal the transducer capacitance plus the input capaci-
tance of the LT1113 and RF should equal RS. In the
noninverting mode example, the transducer current is
converted to a change in voltage by the transducer capaci-
tance; this voltage is then buffered by the LT1113 with a
gain of 1 + R1/R2. A DC path is provided by RS, which is
either the transducer impedance or an external resistor.
Since RS is usually several orders of magnitude greater
than the parallel combination of R1 and R2, RB is added to
balance the DC offset caused by the noninverting input
bias current and RS. The input bias currents, although
small at room temperature, can create significant errors
over increasing temperature, especially with transducer
resistances of up to 100M or more. The optimum value for
RB is determined by equating the thermal noise (4kTRS) to
the current noise (2qIB) times RS2. Solving for RS results
in RB = RS = 2VT/IB
V
kT
q
mV at
C
T ==
°


26
25
.
A parallel capacitor, CB, is used to cancel the phase shift
caused by the op amp input capacitance and RB.
Reduced Power Supply Operation
The LT1113 can be operated from
±5V supplies for lower
power dissipation resulting in lower IB and noise at the
expense of reduced dynamic range. To illustrate this
benefit, let’s look at the following example:
An LT1113CS8 operates at an ambient temperature of
25
°C with ±15V supplies, dissipating 318mW of power
(typical supply current = 10.6mA for the dual). The SO-8
package has a
θJA of 190°C/W, which results in a die
temperature increase of 60.4
°C or a room temperature die
operating temperature of 85.4
°C. At ±5V supplies, the die
temperature increases by only one third of the previous
amount or 20.1
°C resulting in a typical die operating
temperature of only 45.1
°C. A 40 degree reduction of die
temperature is achieved at the expense of a 20V reduction
in dynamic range. If no DC correction resistor is used at
the input, the input referred offset will be the input bias
current at the operating die temperature times the trans-
ducer resistance (refer to Input Bias and Offset Currents vs
Chip Temperature graph in Typical Performance Charac-
teristics section). A 100mV input VOS is the result of a 1nA
IB (at 85°C) dropped across a 100M transducer resis-
tance; at
±5V supplies, the input offset is only 28mV (IB at
45
°C is 280pA). Careful selection of a DC correction
R2
OUTPUT
RB
CB
R1
CS
RS
CB ≅ CS
RB = RS
RS > R1 OR R2
TRANSDUCER
OUTPUT
CF
CB
RB
CB = CFCS
RB = RFRS
RF
CS
RS
TRANSDUCER
1113 • F02
Q = CV;
dQ
dt
= I = C
dV
dt
Figure 2. Noninverting and Inverting Gain Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com